Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBFP450M Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # SBFP450M
Description  SBFP450M
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBFP450M Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button SBFP450M Datasheet HTML 2Page - Sanyo Semicon Device SBFP450M Datasheet HTML 3Page - Sanyo Semicon Device SBFP450M Datasheet HTML 4Page - Sanyo Semicon Device SBFP450M Datasheet HTML 5Page - Sanyo Semicon Device SBFP450M Datasheet HTML 6Page - Sanyo Semicon Device SBFP450M Datasheet HTML 7Page - Sanyo Semicon Device SBFP450M Datasheet HTML 8Page - Sanyo Semicon Device SBFP450M Datasheet HTML 9Page - Sanyo Semicon Device SBFP450M Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
SBFP450M
No.7493-6/20
S パラメータ(エミッタ接地)
VCE=1V, IC=20mA, ZO=50Ω
Freq(MHz)
S11∠S11
S21∠S21
S12∠S12
S22∠S22
200
0.623
--122.1
24.243
120.4
0.034
45.0
0.670
--89.8
400
0.673
--151.0
14.107
100.6
0.043
38.9
0.547
--124.4
600
0.697
--163.5
9.635
89.7
0.048
38.9
0.525
--140.5
800
0.691
--171.0
7.231
84.2
0.054
42.6
0.486
--149.8
1000
0.691
--176.0
5.782
79.3
0.060
44.6
0.476
--157.1
1200
0.688
178.8
4.846
75.2
0.068
47.1
0.465
--162.0
1400
0.685
174.2
4.150
71.3
0.075
48.6
0.457
--167.1
1600
0.684
170.3
3.652
67.4
0.083
49.2
0.451
--170.8
1800
0.682
166.0
3.274
64.1
0.092
48.7
0.447
--174.6
2000
0.682
162.0
2.967
60.4
0.100
48.1
0.436
--177.7
2200
0.684
158.5
2.712
56.7
0.108
47.6
0.435
177.8
2400
0.684
154.6
2.502
53.0
0.117
46.3
0.432
174.5
2600
0.686
150.7
2.326
49.3
0.125
44.6
0.432
171.0
2800
0.686
147.2
2.163
45.8
0.133
43.4
0.434
167.4
3000
0.690
143.4
2.022
42.4
0.140
41.7
0.442
163.5
3200
0.694
140.0
1.904
38.9
0.148
40.0
0.449
159.8
3400
0.699
136.6
1.794
35.7
0.155
38.2
0.461
156.6
3600
0.706
133.4
1.691
32.2
0.161
36.3
0.462
153.1
3800
0.710
130.4
1.605
29.2
0.166
34.3
0.473
150.1
4000
0.717
127.7
1.519
26.0
0.172
32.7
0.484
147.2
4200
0.724
124.9
1.445
23.1
0.177
30.9
0.496
143.8
4400
0.730
122.3
1.380
20.1
0.183
29.2
0.506
141.7
4600
0.739
119.8
1.316
17.4
0.188
27.4
0.515
139.5
4800
0.743
117.4
1.263
14.7
0.192
25.7
0.522
137.3
5000
0.749
115.1
1.212
12.1
0.197
24.0
0.532
135.5
5200
0.755
112.7
1.168
9.5
0.202
22.5
0.537
133.4
5400
0.757
110.6
1.129
6.8
0.207
20.5
0.545
131.8
5600
0.758
108.3
1.088
4.2
0.212
18.8
0.548
129.9
5800
0.760
106.1
1.058
2.0
0.217
16.9
0.550
128.0
6000
0.756
101.4
1.015
--2.2
0.219
13.8
0.554
123.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com