Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBFP450M Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # SBFP450M
Description  SBFP450M
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBFP450M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SBFP450M Datasheet HTML 1Page - Sanyo Semicon Device SBFP450M Datasheet HTML 2Page - Sanyo Semicon Device SBFP450M Datasheet HTML 3Page - Sanyo Semicon Device SBFP450M Datasheet HTML 4Page - Sanyo Semicon Device SBFP450M Datasheet HTML 5Page - Sanyo Semicon Device SBFP450M Datasheet HTML 6Page - Sanyo Semicon Device SBFP450M Datasheet HTML 7Page - Sanyo Semicon Device SBFP450M Datasheet HTML 8Page - Sanyo Semicon Device SBFP450M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SBFP450M
No.7493-2/20
0.1
23
5
7
1.0
23
5
7
10
0
0.2
0.4
0.6
0.8
1.0
0
0123
5
4
1.0
2
3
5
7
3
5
7
10
2
100
1.0
23
2
100
57
3
5
7
10
0.1
23
5
7
1.0
23
5
7
10
10
100
1000
hFE -- IC
1.0
2
23
35
2
100
73
5 7
0.1
57
10
コレクタ電流, IC -- mA
f T -- IC
コレクタ電流, IC -- mA
IT05929
IT05932
IC -- VCE
コレクタ・エミッタ 電圧, VCE -- V
IC -- VBE
ベース・エミッタ電圧, VBE -- V
IT05927
IT05928
0
20
10
40
60
80
30
50
70
90
100
20
10
40
60
80
30
50
70
90
100
Cob -- VCB
コレクタ・ベース電圧, VCB -- V
Cre -- VCB
コレクタ・ベース電圧, VCB -- V
IT05930
IT05931
2
3
5
7
3
5
7
2
IB=100µA
200µA
300µA
400µA
500µA
600µA
700µA
800µA
900µA
1000µA
VCE=3V
1V
0.1
2
5
7
1.0
3
2
5
7
10
3
0.1
2
2
5
7
10
3
5
7
1.0
3
f=1MHz
f=1MHz
VCE=3V
f=1GHz
1V
前ページより続く。
min
typ
max unit
利得帯域幅積
fT(1)
VCE=3V, IC=90mA, f=1GHz
24
GHz
fT(2)
VCE=3V, IC=90mA, f=2GHz
15
17
GHz
帰還容量
Cre
VCB=2V, f=1MHz
0.48
0.8
pF
順方向伝達利得
S21e2
VCE=2V, IC=50mA, f=1.8GHz
8
11.5
dB
雑音指数
NF
VCE=2V, IC=10mA, f=1.8GHz
1.25
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com