Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBFP450M Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # SBFP450M
Description  SBFP450M
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBFP450M Datasheet(HTML) 5 Page - Sanyo Semicon Device

  SBFP450M Datasheet HTML 1Page - Sanyo Semicon Device SBFP450M Datasheet HTML 2Page - Sanyo Semicon Device SBFP450M Datasheet HTML 3Page - Sanyo Semicon Device SBFP450M Datasheet HTML 4Page - Sanyo Semicon Device SBFP450M Datasheet HTML 5Page - Sanyo Semicon Device SBFP450M Datasheet HTML 6Page - Sanyo Semicon Device SBFP450M Datasheet HTML 7Page - Sanyo Semicon Device SBFP450M Datasheet HTML 8Page - Sanyo Semicon Device SBFP450M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
SBFP450M
No.7493-5/20
S パラメータ(エミッタ接地)
VCE=1V, IC=10mA, ZO=50Ω
Freq(MHz)
S11∠S11
S21∠S21
S12∠S12
S22∠S22
200
0.670
--88.3
17.958
131.1
0.047
48.7
0.752
--67.8
400
0.683
--129.0
11.890
107.7
0.061
34.8
0.581
--102.2
600
0.701
--148.4
8.446
94.2
0.066
29.8
0.529
--121.9
800
0.688
--158.8
6.401
87.2
0.070
30.3
0.470
--132.0
1000
0.689
--165.6
5.138
81.3
0.074
30.5
0.448
--140.8
1200
0.685
--172.3
4.318
76.5
0.078
32.7
0.432
--146.9
1400
0.683
--177.8
3.702
72.1
0.083
34.2
0.418
--152.7
1600
0.683
177.6
3.269
67.9
0.088
35.1
0.412
--157.6
1800
0.682
172.7
2.925
63.9
0.094
36.0
0.403
--161.5
2000
0.682
168.2
2.634
59.8
0.099
36.1
0.393
--164.1
2200
0.685
164.3
2.432
56.1
0.106
36.4
0.393
--169.5
2400
0.686
159.9
2.244
52.0
0.112
36.2
0.391
--173.3
2600
0.690
155.7
2.082
48.0
0.118
35.9
0.388
--177.0
2800
0.690
151.8
1.933
44.3
0.124
35.0
0.389
179.7
3000
0.694
147.8
1.816
40.7
0.130
34.4
0.398
174.9
3200
0.698
144.0
1.708
37.1
0.136
33.5
0.405
170.6
3400
0.704
140.3
1.612
33.6
0.142
32.5
0.413
166.9
3600
0.711
136.9
1.522
30.0
0.147
31.2
0.420
163.3
3800
0.716
133.7
1.441
26.7
0.152
30.1
0.431
159.8
4000
0.722
130.7
1.366
23.4
0.157
28.7
0.444
156.7
4200
0.730
127.8
1.300
20.3
0.163
27.7
0.454
153.5
4400
0.737
125.0
1.239
17.3
0.168
26.5
0.466
150.9
4600
0.745
122.3
1.183
14.3
0.172
25.1
0.478
148.1
4800
0.751
119.8
1.131
11.5
0.177
23.7
0.487
146.1
5000
0.757
117.3
1.088
8.7
0.182
22.4
0.497
144.0
5200
0.763
114.9
1.044
5.9
0.187
21.0
0.504
142.1
5400
0.766
112.6
0.994
2.8
0.191
19.7
0.514
139.8
5600
0.768
110.3
0.968
0.7
0.197
18.2
0.521
138.6
5800
0.769
108.0
0.943
--1.9
0.202
16.6
0.526
136.0
6000
0.765
103.2
0.904
--5.8
0.204
13.6
0.529
131.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com