Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBFP450M Datasheet(PDF) 14 Page - Sanyo Semicon Device

Part # SBFP450M
Description  SBFP450M
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBFP450M Datasheet(HTML) 14 Page - Sanyo Semicon Device

Back Button SBFP450M Datasheet HTML 10Page - Sanyo Semicon Device SBFP450M Datasheet HTML 11Page - Sanyo Semicon Device SBFP450M Datasheet HTML 12Page - Sanyo Semicon Device SBFP450M Datasheet HTML 13Page - Sanyo Semicon Device SBFP450M Datasheet HTML 14Page - Sanyo Semicon Device SBFP450M Datasheet HTML 15Page - Sanyo Semicon Device SBFP450M Datasheet HTML 16Page - Sanyo Semicon Device SBFP450M Datasheet HTML 17Page - Sanyo Semicon Device SBFP450M Datasheet HTML 18Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
SBFP450M
No.7493-14/20
S パラメータ(エミッタ接地)
VCE=3V, IC=5mA, ZO=50Ω
Freq(MHz)
S11∠S11
S21∠S21
S12∠S12
S22∠S22
200
0.770
--57.2
13.343
144.2
0.047
59.1
0.871
--39.5
400
0.742
--96.8
10.285
120.2
0.071
40.7
0.696
--65.9
600
0.734
--122.3
7.926
103.9
0.080
30.6
0.598
--84.7
800
0.703
--137.0
6.157
94.3
0.084
26.3
0.512
--93.3
1000
0.703
--146.6
5.009
86.4
0.086
23.2
0.463
--102.5
1200
0.690
--155.8
4.244
80.3
0.088
23.2
0.431
--109.4
1400
0.684
--162.8
3.625
74.9
0.088
22.8
0.404
--115.4
1600
0.684
--168.8
3.220
69.8
0.090
22.9
0.388
--120.9
1800
0.682
--174.6
2.866
65.1
0.091
23.8
0.374
--125.5
2000
0.683
--179.8
2.547
60.4
0.093
24.2
0.365
--127.0
2200
0.687
175.4
2.375
56.5
0.096
24.7
0.355
--134.0
2400
0.689
170.4
2.192
52.0
0.099
25.6
0.350
--138.5
2600
0.692
165.5
2.031
47.4
0.101
26.1
0.341
--142.8
2800
0.693
161.1
1.865
43.5
0.104
26.2
0.343
--146.1
3000
0.697
156.3
1.774
39.8
0.108
27.3
0.344
--153.1
3200
0.700
152.1
1.669
35.9
0.112
27.7
0.346
--158.3
3400
0.707
148.0
1.570
32.1
0.115
27.9
0.353
--163.4
3600
0.714
144.2
1.482
28.3
0.119
27.9
0.358
--168.1
3800
0.719
140.5
1.400
24.7
0.123
27.9
0.370
--172.7
4000
0.726
137.1
1.326
21.1
0.127
27.7
0.381
--177.0
4200
0.734
133.8
1.262
17.9
0.132
27.7
0.393
178.7
4400
0.740
130.6
1.203
14.6
0.137
27.4
0.406
174.7
4600
0.749
127.7
1.147
11.4
0.141
26.7
0.419
171.1
4800
0.756
124.9
1.093
8.3
0.147
26.0
0.432
168.1
5000
0.762
122.3
1.047
5.4
0.152
25.2
0.445
165.0
5200
0.770
119.7
0.997
2.3
0.156
24.4
0.457
162.4
5400
0.773
117.1
0.967
--0.4
0.163
23.5
0.469
159.1
5600
0.777
114.7
0.905
--3.3
0.167
22.5
0.485
157.8
5800
0.779
112.2
0.894
--5.8
0.173
21.3
0.491
154.0
6000
0.774
107.1
0.856
--9.9
0.178
18.3
0.494
149.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com