Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBFP450M Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # SBFP450M
Description  SBFP450M
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBFP450M Datasheet(HTML) 4 Page - Sanyo Semicon Device

  SBFP450M Datasheet HTML 1Page - Sanyo Semicon Device SBFP450M Datasheet HTML 2Page - Sanyo Semicon Device SBFP450M Datasheet HTML 3Page - Sanyo Semicon Device SBFP450M Datasheet HTML 4Page - Sanyo Semicon Device SBFP450M Datasheet HTML 5Page - Sanyo Semicon Device SBFP450M Datasheet HTML 6Page - Sanyo Semicon Device SBFP450M Datasheet HTML 7Page - Sanyo Semicon Device SBFP450M Datasheet HTML 8Page - Sanyo Semicon Device SBFP450M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
SBFP450M
No.7493-4/20
S パラメータ(エミッタ接地)
VCE=1V, IC=5mA, ZO=50Ω
Freq(MHz)
S11∠S11
S21∠S21
S12∠S12
S22∠S22
200
0.769
--60.7
11.328
141.1
0.060
55.7
0.844
--47.7
400
0.738
--101.8
8.647
116.9
0.085
37.0
0.664
--77.9
600
0.734
--127.4
6.625
100.8
0.095
26.7
0.578
--98.2
800
0.707
--141.7
5.135
91.7
0.098
23.0
0.498
--108.0
1000
0.708
--150.8
4.176
84.3
0.101
20.1
0.459
--117.6
1200
0.699
--159.7
3.537
78.4
0.101
19.5
0.433
--124.7
1400
0.694
--166.3
3.029
73.3
0.102
19.3
0.411
--130.6
1600
0.695
--172.1
2.695
68.2
0.104
19.5
0.400
--136.0
1800
0.694
--177.9
2.415
63.8
0.105
19.7
0.390
--140.5
2000
0.695
177.1
2.149
58.9
0.107
19.9
0.380
--142.2
2200
0.700
172.5
2.012
55.0
0.110
20.4
0.377
--148.8
2400
0.702
167.5
1.855
50.6
0.112
20.6
0.374
--152.9
2600
0.705
162.8
1.723
45.9
0.114
21.0
0.368
--156.7
2800
0.706
158.4
1.589
41.9
0.117
20.9
0.371
--160.0
3000
0.710
153.8
1.508
38.3
0.120
22.0
0.378
--166.3
3200
0.714
149.6
1.422
34.4
0.123
22.3
0.383
--171.0
3400
0.720
145.5
1.339
30.6
0.127
22.3
0.391
--175.4
3600
0.727
141.8
1.265
26.8
0.130
22.1
0.398
--179.4
3800
0.732
138.3
1.197
23.2
0.134
22.3
0.411
176.4
4000
0.739
134.8
1.135
19.7
0.137
22.1
0.423
172.5
4200
0.748
131.7
1.081
16.5
0.142
22.0
0.436
168.8
4400
0.754
128.5
1.030
13.3
0.146
21.7
0.450
165.2
4600
0.763
125.7
0.984
10.2
0.151
21.3
0.463
162.1
4800
0.769
122.9
0.939
7.2
0.155
20.7
0.476
159.6
5000
0.774
120.3
0.900
4.5
0.160
20.2
0.489
157.0
5200
0.782
117.8
0.858
1.4
0.164
19.5
0.500
154.8
5400
0.784
115.2
0.833
--1.2
0.170
18.5
0.511
151.9
5600
0.788
112.8
0.783
--3.8
0.174
17.7
0.526
150.8
5800
0.789
110.4
0.774
--6.1
0.180
16.7
0.531
147.4
6000
0.784
105.3
0.742
--10.1
0.184
13.9
0.534
142.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com