Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBFP450M Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # SBFP450M
Description  SBFP450M
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBFP450M Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button SBFP450M Datasheet HTML 9Page - Sanyo Semicon Device SBFP450M Datasheet HTML 10Page - Sanyo Semicon Device SBFP450M Datasheet HTML 11Page - Sanyo Semicon Device SBFP450M Datasheet HTML 12Page - Sanyo Semicon Device SBFP450M Datasheet HTML 13Page - Sanyo Semicon Device SBFP450M Datasheet HTML 14Page - Sanyo Semicon Device SBFP450M Datasheet HTML 15Page - Sanyo Semicon Device SBFP450M Datasheet HTML 16Page - Sanyo Semicon Device SBFP450M Datasheet HTML 17Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
SBFP450M
No.7493-13/20
S パラメータ(エミッタ接地)
VCE=2V, IC=70mA, ZO=50Ω
Freq(MHz)
S11∠S11
S21∠S21
S12∠S12
S22∠S22
200
0.605
--153.9
33.676
112.9
0.018
54.7
0.585
--105.3
400
0.659
--168.5
18.263
96.2
0.025
57.3
0.501
--136.4
600
0.679
--174.8
12.214
87.0
0.033
60.1
0.496
--149.1
800
0.677
--179.9
9.173
82.3
0.042
63.5
0.465
--157.6
1000
0.676
176.5
7.295
77.8
0.051
64.8
0.460
--163.7
1200
0.672
172.6
6.088
74.4
0.061
64.8
0.453
--168.2
1400
0.670
168.7
5.183
70.8
0.069
64.2
0.446
--172.8
1600
0.667
165.4
4.575
67.4
0.079
62.9
0.441
--176.4
1800
0.664
161.7
4.095
64.0
0.089
62.0
0.433
--179.9
2000
0.661
158.1
3.704
60.7
0.098
59.8
0.428
176.7
2200
0.663
155.1
3.364
57.2
0.108
58.0
0.425
172.9
2400
0.663
151.5
3.103
53.9
0.116
56.0
0.424
169.4
2600
0.665
147.9
2.879
50.4
0.124
53.2
0.424
165.8
2800
0.665
144.7
2.677
47.2
0.133
51.2
0.429
162.3
3000
0.668
141.2
2.500
43.9
0.141
48.8
0.434
158.5
3200
0.672
138.1
2.346
40.6
0.149
46.9
0.443
155.0
3400
0.677
134.9
2.208
37.5
0.156
44.2
0.453
151.6
3600
0.684
132.0
2.080
34.4
0.163
42.0
0.458
148.4
3800
0.688
129.2
1.970
31.4
0.168
39.8
0.471
145.4
4000
0.695
126.5
1.866
28.5
0.175
37.5
0.481
142.7
4200
0.702
124.0
1.773
25.6
0.181
35.5
0.492
140.1
4400
0.709
121.6
1.687
22.7
0.185
33.5
0.500
137.7
4600
0.717
119.1
1.614
20.0
0.191
31.3
0.510
135.4
4800
0.724
116.8
1.546
17.4
0.196
29.2
0.517
133.2
5000
0.729
114.6
1.484
14.9
0.199
27.2
0.523
131.2
5200
0.734
112.3
1.429
12.3
0.206
25.5
0.527
129.3
5400
0.738
110.3
1.380
9.8
0.210
23.2
0.534
127.3
5600
0.739
108.1
1.336
7.3
0.215
21.2
0.539
125.5
5800
0.741
105.9
1.292
4.7
0.219
19.3
0.542
123.5
6000
0.738
101.2
1.238
1.0
0.221
15.9
0.547
119.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com