Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9375BBCZ Datasheet(PDF) 39 Page - Analog Devices

Part # AD9375BBCZ
Description  Integrated, Dual RF Transceiver with Observation Path
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9375BBCZ Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9375BBCZ Datasheet HTML 35Page - Analog Devices AD9375BBCZ Datasheet HTML 36Page - Analog Devices AD9375BBCZ Datasheet HTML 37Page - Analog Devices AD9375BBCZ Datasheet HTML 38Page - Analog Devices AD9375BBCZ Datasheet HTML 39Page - Analog Devices AD9375BBCZ Datasheet HTML 40Page - Analog Devices AD9375BBCZ Datasheet HTML 41Page - Analog Devices AD9375BBCZ Datasheet HTML 42Page - Analog Devices AD9375BBCZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
Data Sheet
AD9375
Rev. 0 | Page 39 of 61
INTERMODULATION FREQUENCY (MHz)
5
10
15
20
25
30
35
40
45
50
55
60
0
5
10
15
20
25
30
35
40
f2 – f1, +110°C
f2 – f1, +40°C
f2 – f1, –40°C
f2 + f1, +110°C
f2 + f1, +40°C
f2 + f1, –40°C
Figure 129. Receiver IIP3 vs. Intermodulation Frequency, 3500 MHz LO,
0 dB Attenuation, 100 MHz RF Bandwidth, 153.6 MSPS Sample Rate
RECEIVER ATTENUATION (dB)
0
5
10
15
20
25
30
–110
–100
–90
–80
–70
–60
–50
–40
+110°C
+40°C
–40°C
Figure 130. Receiver Image vs. Receiver Attenuation, 3500 MHz LO,
Continuous Wave (CW) Signal 17 MHz Offset, 100 MHz RF Bandwidth,
Background Tracking Calibration (BTC) Active, 153.6 MSPS Sample Rate
RECEIVER ATTENUATION (dB)
0
5
10
15
20
25
30
–15
–10
–5
0
5
10
15
20
25
+110°C
+40°C
–40°C
Figure 131. Receiver Gain vs. Receiver Attenuation, 3500 MHz LO, CW Signal
17 MHz Offset, 100 MHz RF Bandwidth, De-Embedded to Receiver Port,
153.6 MSPS Sample Rate
RECEIVER ATTENUATION (dB)
0
5
10
15
20
25
30
–120
–110
–100
–90
–80
–70
–60
–50
–40
+110°C
+40°C
–40°C
Figure 132. Receiver DC Offset vs. Receiver Attenuation, 3500 MHz LO,
100 MHz RF Bandwidth, 153.6 MSPS Sample Rate
RECEIVER ATTENUATION (dB)
0
5
10
15
20
25
30
–110
–100
–90
–80
–70
–60
–50
–40
+110°C
+40°C
–40°C
Figure 133. Receiver HD2 vs. Receiver Attenuation, 3500 MHz LO, CW Signal
17 MHz Offset, −14 dBm at 0 dB Attenuation, Input Power Increasing Decibel for
Decibel with Attenuation, 100 MHz RF Bandwidth, 153.6 MSPS Sample Rate
RECEIVER ATTENUATION (dB)
0
5
10
15
20
25
30
–110
–100
–90
–80
–70
–60
–50
–40
+110°C
+40°C
–40°C
Figure 134. Receiver HD3 vs. Receiver Attenuation, 3500 MHz LO, CW Signal
17 MHz Offset, −14 dBm at 0 dB Attenuation, Input Power Increasing Decibel
for Decibel with Attenuation, 100 MHz RF Bandwidth, 153.6 MSPS Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com