Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9375BBCZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD9375BBCZ
Description  Integrated, Dual RF Transceiver with Observation Path
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9375BBCZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9375BBCZ Datasheet HTML 5Page - Analog Devices AD9375BBCZ Datasheet HTML 6Page - Analog Devices AD9375BBCZ Datasheet HTML 7Page - Analog Devices AD9375BBCZ Datasheet HTML 8Page - Analog Devices AD9375BBCZ Datasheet HTML 9Page - Analog Devices AD9375BBCZ Datasheet HTML 10Page - Analog Devices AD9375BBCZ Datasheet HTML 11Page - Analog Devices AD9375BBCZ Datasheet HTML 12Page - Analog Devices AD9375BBCZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
Data Sheet
AD9375
Rev. 0 | Page 9 of 61
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
REFERENCE CLOCK (DEV_CLK_IN
SIGNAL)
Frequency Range
10
320
MHz
Signal Level
0.3
2.0
V p-p
AC-coupled, common-mode
voltage (V
CM) = 618 mV; for
best spurious performance,
use a <1 V p-p input clock
AUXILIARY CONVERTERS
ADC
ADC Resolution
12
Bits
Input Voltage
Minimum
0.25
V
Maximum
3.05
V
DAC
DAC Resolution
10
Bits
Includes four offset levels
Output Voltage
Minimum
0.5
V
Reference voltage (V
REF) = 1 V
Maximum
3.0
V
V
REF = 2.5 V
Drive Capability
10
mA
DIGITAL SPECIFICATIONS (CMOS),
GPIO_x, RX1_ENABLE,
RX2_ENABLE, TX1_ENABLE,
TX2 ENABLE, SYNCINBx+,
SYNCOUTB0+, GP_INTERRUPT,
SDIO, SDO, SCLK, CSB, RESET
Logic Inputs
Input Voltage
High Level
VDD_IF ×
0.8
VDD_IF
V
Low Level
0
VDD_IF ×
0.2
V
Input Current
High Level
−10
+10
µA
Low Level
−10
+10
µA
Logic Outputs
Output Voltage
High Level
VDD_IF ×
0.8
V
Low Level
VDD_IF ×
0.2
V
Drive Capability
3
mA
DIGITAL SPECIFICATIONS (LVDS),
SYSREF_INx±, SYNCOUTB0±,
SYNCINBx± PAIRS
Logic Inputs
Input Voltage Range
825
1675
mV
Each differentialinputin the pair
Input Differential Voltage
Threshold
−100
+100
mV
Receiver Differential Input
Impedance
100
Ω
Internal termination enabled
Logic Outputs
Output Voltage
High
1375
mV
Low
1025
mV
Differential
225
mV
Offset
1200
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com