Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9375BBCZ Datasheet(PDF) 58 Page - Analog Devices

Part # AD9375BBCZ
Description  Integrated, Dual RF Transceiver with Observation Path
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9375BBCZ Datasheet(HTML) 58 Page - Analog Devices

Back Button AD9375BBCZ Datasheet HTML 53Page - Analog Devices AD9375BBCZ Datasheet HTML 54Page - Analog Devices AD9375BBCZ Datasheet HTML 55Page - Analog Devices AD9375BBCZ Datasheet HTML 56Page - Analog Devices AD9375BBCZ Datasheet HTML 57Page - Analog Devices AD9375BBCZ Datasheet HTML 58Page - Analog Devices AD9375BBCZ Datasheet HTML 59Page - Analog Devices AD9375BBCZ Datasheet HTML 60Page - Analog Devices AD9375BBCZ Datasheet HTML 61Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 58 / 61 page
background image
AD9375
Data Sheet
Rev. 0 | Page 58 of 61
JESD204B DATA INTERFACE
The digital data interface for the AD9375 uses JEDEC Standard
JESD204B Subclass 1. The serial interface operates at speeds of
up to 6144 Mbps. The benefits of the JESD204B interface
include a reduction in required board area for data interface
routing and smaller package options due to the need for fewer
pins. Digital filtering is included in all receiver and transmitter
paths to provide proper signal conditioning and sampling rates
to meet the JESD204B data requirements. Examples of the
digital filtering configurations for the Tx and Rx paths are
shown in Figure 230 and Figure 231, respectively.
POWER SUPPLY SEQUENCE
The AD9375 requires a specific power-up sequence to avoid
undesired power-up currents. The optimal power-on sequence
starts the process by powering up the VDIG and the VDDA_1P3
(analog) supplies simultaneously. If they cannot power up
simultaneously, the VDIG supply must power up first. The
VDDA_3P3, VDDA_1P8, and JESD_VTT_DES supplies must
then power up after the VDIG and VDDA_1P3 supplies. Note
that the VDD_IF supply can power up at any time. It is also
recommended to toggle the RESET signal after power has
stabilized prior to configuration. Follow the reverse order of
the power-up sequence to power down.
Table 8. Example Rx/Tx Interface Rates (Two Rx/Two Tx Channels, Maximum JESD204B Lane Rates)
Tx/Tx Synthesis/
Rx Bandwidth (MHz)
Tx Input
Rate (MSPS)
Rx Output
Rate (MSPS)
JESD204B Lane Rate
(Mbps), Two Tx/Two Rx
JESD204B (No.
of Lanes) Tx/Rx
Reference Clock Options (MHz)
100/250/100
307.2
153.6
6144
4/2
122.88, 153.6, 245.76, 307.2
75/200/100
245.76
122.88
4915.2
4/2
122.88, 245.76
20/100/40
122.88
61.44
2457.6
4/2
122.88, 245.76
20/100/20
122.88
30.72
2457.6
4/1
122.88, 245.76
I/Q DAC
TRANSMITTER FIR
(INTERPOLATION
1, 2, 4)
DIGITAL
GAIN
JESD204B
QUADRATURE
ERROR
CORRECTION
DPD
ACTUATOR
TRANSMITTER
HALF-BAND
FILTER 0
(DPD)
HB
TRANSMITTER
HALF-BAND
FILTER 2
TRANSMITTER
HALF-BAND
FILTER 1
Figure 230. Example Tx Data Path Filter Implementation
ADC
JESD204B
RECEIVER
HALF-BAND
FILTER 3
RECEIVER FIR
(DECIMATION
1, 2, 4)
QEC
FILTER
DC
CORRECTION
DIGITAL
GAIN
DEC5
RECEIVER
HALF-BAND
FILTER 2
RECEIVER
HALF-BAND
FILTER 1
Figure 231. Data Rx Data Path Filter Implementation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com