Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9375BBCZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD9375BBCZ
Description  Integrated, Dual RF Transceiver with Observation Path
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9375BBCZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9375BBCZ Datasheet HTML 10Page - Analog Devices AD9375BBCZ Datasheet HTML 11Page - Analog Devices AD9375BBCZ Datasheet HTML 12Page - Analog Devices AD9375BBCZ Datasheet HTML 13Page - Analog Devices AD9375BBCZ Datasheet HTML 14Page - Analog Devices AD9375BBCZ Datasheet HTML 15Page - Analog Devices AD9375BBCZ Datasheet HTML 16Page - Analog Devices AD9375BBCZ Datasheet HTML 17Page - Analog Devices AD9375BBCZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 61 page
background image
AD9375
Data Sheet
Rev. 0 | Page 14 of 61
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
VDDA_1P31 to VSSA
−0.3 V to +1.4 V
VDDA_SER, VDDA_DES, and
JESD_VTT_DES to VSSA
−0.3 V to +1.4 V
VDIG to VSSD
−0.3 V to +1.4 V
VDDA_1P8 to VSSA
−0.3 V to +2.0 V
VDD_IF to VSSA
−0.3 V to +3.0 V
VDDA_3P3 to VSSA
−0.3 V to +3.9 V
Logic Inputs and Outputs to VSSD
−0.3 V to VDD_IF + 0.3 V
JESD204B Logic Outputs to VSSA
−0.3 V to VDDA_SER
JESD204B Logic Inputs to VSSA
−0.3 V to VDDA_DES
Input Current to Any Pin Except
Supplies
±10 mA
Maximum Input Power into RF Ports
(Excluding Sniffer Receiver Inputs)
23 dBm (peak)
Maximum Input Power into SNRXA±,
SNRXB±, and SNRXC±
2 dBm (peak)
Maximum Junction Temperature (T
J MAX)
110°C
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
1 VDDA_1P3 refers to all analog 1.3 V supplies: VDDA_BB, VDDA_CLKSYNTH,
VDDA_TXLO, VDDA_RXSYNTH, VDDA_RXVCO, VDDA_RXTX, VDDA_RXRF,
VDDA_TXSYNTH, VDDA_TXVCO, VDDA_CALPLL, VDDA_SNRXSYNTH,
VDDA_SNRXVCO, VDDA_CLK, and VDDA_RXLO.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
REFLOW PROFILE
The AD9375 reflow profile is in accordance with the JEDEC
JESD20 criteria for Pb-free devices. The maximum reflow
temperature is 260°C.
THERMAL RESISTANCE
Thermal performance is directly linked to PCB design and
operating environment. Careful attention to PCB thermal
design is required.
θJA is the natural convection junction-to-ambient thermal resistance
measured in a one cubic foot sealed enclosure. θJC is the junction-
to-case thermal resistance.
Table 5. Thermal Resistance
Package
Airflow
Velocity1 (m/sec)
θJA2,3 (°C/W) θJC2,4 (°C/W)
BC-196-12
JEDEC5
0.0
20.5
0.05
1.0
18.5
N/A6
2.5
17.2
N/A6
10-Layer PCB
0.0
14.1
0.05
1.0
12.4
N/A6
2.5
11.6
N/A6
1 Power dissipation is 3.0 W for all test cases.
2 Per JEDEC JESD51-7 for JEDEC JESD51-5 2S2P test board.
3 Per JEDEC JESD51-2 (still air) or JEDEC JESD51-6 (moving air).
4 Per MIL-STD 883, Method 1012.1.
5 JEDEC entries refer to the JEDEC JESD51-9 (high-K thermal test board).
6 N/A means not applicable.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com