Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9375BBCZ Datasheet(PDF) 44 Page - Analog Devices

Part # AD9375BBCZ
Description  Integrated, Dual RF Transceiver with Observation Path
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9375BBCZ Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9375BBCZ Datasheet HTML 40Page - Analog Devices AD9375BBCZ Datasheet HTML 41Page - Analog Devices AD9375BBCZ Datasheet HTML 42Page - Analog Devices AD9375BBCZ Datasheet HTML 43Page - Analog Devices AD9375BBCZ Datasheet HTML 44Page - Analog Devices AD9375BBCZ Datasheet HTML 45Page - Analog Devices AD9375BBCZ Datasheet HTML 46Page - Analog Devices AD9375BBCZ Datasheet HTML 47Page - Analog Devices AD9375BBCZ Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 61 page
background image
AD9375
Data Sheet
Rev. 0 | Page 44 of 61
0.10
–0.10
0
20
RF ATTENUATION (dB)
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
2
4
6
8
10
12
14
16
18
+110°C
+40°C
–40°C
Figure 159. Tx Attenuation Step Error vs. RF Attenuation, 3500 MHz LO,
3510 MHz CW Desired Signal, 100 MHz RF Bandwidth,
De-Embedded to Transmitter Port, 307.2 MSPS Sample Rate
1.0
–1.0
–100
100
FREQUENCY OFFSET FROM LO (MHz)
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
–80
–60
–40
–20
0
20
40
60
80
Figure 160. Transmitter Frequency Response Deviation from Flatness vs.
Frequency Offset from LO, 3500 MHz LO, 100 MHz RF Bandwidth,
6 dB Digital Backoff, 307.2 MSPS Sample Rate
–40
–80
3300
3800
OBSERVATION RECEIVER LO FREQUENCY (MHz)
–75
–70
–65
–60
–55
–50
–45
3400
3500
3600
3700
+110°C
+40°C
–40°C
Figure 161. Observation Receiver LO Leakage vs. Observation Receiver
LO Frequency, 0 dB Receiver Attenuation, 240 MHz RF Bandwidth,
307.2 MSPS Sample Rate
30
0
3300
3800
OBSERVATION RECEIVER LO FREQUENCY (MHz)
5
10
15
20
25
3400
3500
3600
3700
+110°C
+40°C
–40°C
Figure 162. Observation Receiver Noise Figure vs. Observation Receiver LO
Frequency, 0 dB Receiver Attenuation, 240 MHz RF Bandwidth,
307.2 MSPS Sample Rate, 120 MHz Integration Bandwidth
80
0
0
110
f1 OFFSET FREQUENCY (MHz)
10
20
30
40
50
60
70
10
20
30
40
50
60
70
80
90
100
+110°C
+40°C
–40°C
Figure 163. Observation Receiver IIP2 vs. f1 Offset Frequency,3600MHz LO,
0 dB Attenuation, 240 MHz RF Bandwidth, f2 = f1 + 1 MHz,
307.2 MSPS Sample Rate
80
0
5
115
INTERMODULATION FREQUENCY (MHz)
15
25
35
45
55
65
75
85
95
105
10
20
30
40
50
60
70
+110°C
+40°C
–40°C
Figure 164. Observation Receiver IIP2 vs. Intermodulation Frequency (f2 − f1),
3500 MHz LO, 0 dB Attenuation, 240 MHz RF Bandwidth,
307.2 MSPS Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com