Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9375BBCZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD9375BBCZ
Description  Integrated, Dual RF Transceiver with Observation Path
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9375BBCZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9375BBCZ Datasheet HTML 17Page - Analog Devices AD9375BBCZ Datasheet HTML 18Page - Analog Devices AD9375BBCZ Datasheet HTML 19Page - Analog Devices AD9375BBCZ Datasheet HTML 20Page - Analog Devices AD9375BBCZ Datasheet HTML 21Page - Analog Devices AD9375BBCZ Datasheet HTML 22Page - Analog Devices AD9375BBCZ Datasheet HTML 23Page - Analog Devices AD9375BBCZ Datasheet HTML 24Page - Analog Devices AD9375BBCZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
Data Sheet
AD9375
Rev. 0 | Page 21 of 61
10
–10
–8
–6
–4
–2
0
2
6
4
8
300
400
600
800
500
700
900
1000
FREQUENCY (MHz)
+110°C
+40°C
–40°C
Figure 23. Tx Output Power, Transmitter QEC, and External LO Leakage
Tracking Active, 10 MHz CW Offset Signal, 1 MHz Resolution Bandwidth,
122.88 MSPS Sample Rate
–60
–100
–95
–90
–85
–80
–75
–70
–65
0
5
10
15
20
RF ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 24. Transmitter LO Leakage vs. RF Attenuation, 900 MHz LO, Transmitter
QEC and External LO Leakage Tracking Active, CW Signal 5 MHz Offset from LO,
6 dB Digital Backoff, 1 MHz Measurement Bandwidth (If Input Power to ORx
Channel Is Not Held Constant, Performance Degrades As Shown in This Plot)
–60
–100
–95
–90
–85
–80
–75
–70
–65
–10
–5
0
5
10
OFFSET FREQUENCY (MHz)
900MHz, +110°C
900MHz, +40°C
900MHz, –40°C
600MHz, +110°C
600MHz, +40°C
600MHz, –40°C
300MHz, +110°C
300MHz, +40°C
300MHz, –40°C
Figure 25. Transmitter LO Leakage vs. Offset Frequency,
Transmitter QEC and External LO Leakage Tracking Active,
5 dB Digital Backoff, 1 MHz Measurement Bandwidth
–20
–120
–100
–80
–110
–90
–70
–60
–50
–40
–30
300
400
500
600
700
800
900
1000
RECEIVER LO FREQUENCY (MHz)
Figure 26. Tx1 to Rx1 Crosstalk vs. Receiver LO Frequency,
20 MHz Receiver RF Bandwidth, 20 MHz Transmitter RF Bandwidth,
CW Signal 3 MHz Offset from LO
–20
–120
–100
–80
–110
–90
–70
–60
–50
–40
–30
300
400
500
600
700
800
900
1000
RECEIVER LO FREQUENCY (MHz)
Figure 27. Tx2 to Rx2 Crosstalk vs. Receiver LO Frequency, 20 MHz Receiver RF
Bandwidth, 20 MHz Transmitter RF Bandwidth, CW Signal 3 MHz Offset from LO
–20
–120
–100
–80
–110
–90
–70
–60
–50
–40
–30
300
400
500
600
700
800
900
1000
TRANSMITTER LO FREQUENCY (MHz)
Figure 28. Tx2 to Tx1 Crosstalk vs. Transmitter LO Frequency,
20 MHz RF Bandwidth, CW Signal 3 MHz Offset from LO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com