Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9375BBCZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD9375BBCZ
Description  Integrated, Dual RF Transceiver with Observation Path
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9375BBCZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9375BBCZ Datasheet HTML 23Page - Analog Devices AD9375BBCZ Datasheet HTML 24Page - Analog Devices AD9375BBCZ Datasheet HTML 25Page - Analog Devices AD9375BBCZ Datasheet HTML 26Page - Analog Devices AD9375BBCZ Datasheet HTML 27Page - Analog Devices AD9375BBCZ Datasheet HTML 28Page - Analog Devices AD9375BBCZ Datasheet HTML 29Page - Analog Devices AD9375BBCZ Datasheet HTML 30Page - Analog Devices AD9375BBCZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 61 page
background image
Data Sheet
AD9375
Rev. 0 | Page 27 of 61
0
5
10
15
20
SNIFFER RECEIVER ATTENUATION (dB)
+110°C
+40°C
–40°C
–40
–110
–100
–80
–60
–90
–70
–50
Figure 59. Sniffer Receiver DC Offset vs. Sniffer Receiver Attenuation,
600 MHz LO, CW Signal 3 MHz Offset, −35 dBm at 0 dB Attenuation,
Input Power Increasing Decibel for Decibel with Attenuation,
20 MHz RF Bandwidth, 30.72 MSPS Sample Rate
0
5
10
15
20
SNIFFER RECEIVER ATTENUATION (dB)
+110°C
+40°C
–40°C
0
–100
–80
–60
–90
–70
–50
–40
–30
–20
–10
Figure 60. Sniffer Receiver HD2 vs. Sniffer Receiver Attenuation, 600 MHz LO,
CW Signal 3 MHz Offset, −35 dBm at 0 dB Attenuation, Input Power Increasing
Decibel for Decibel with Attenuation, 20 MHz RF Bandwidth,
30.72 MSPS Sample Rate
0
5
10
15
20
SNIFFER RECEIVER ATTENUATION (dB)
+110°C
+40°C
–40°C
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
Figure 61. Sniffer Receiver HD3 vs. Sniffer Receiver Attenuation, 600 MHz LO,
CW Signal 3 MHz Offset, −35 dBm at 0 dB Attenuation, Input Power
Increasing Decibel for Decibel with Attenuation, 20 MHz RF Bandwidth,
30.72 MSPS Sample Rate
0
–60
–50
–40
–30
–20
–10
–70
–55
–50
–65
–60
–45
–40
–35
–30
–25
SNIFFER RECEIVER INPUT POWER (dBm)
+110°C
+40°C
–40°C
Figure 62. Sniffer Receiver EVM vs. Sniffer Receiver Input Power, 600 MHz LO,
20 MHz RF Bandwidth, LTE 20 MHz Uplink Centered at DC, BTC Active,
30.72 MSPS Sample Rate
40
–40
–30
–20
–10
0
20
10
30
0
12
16
4
8
20
24
28
32
36
40
48
44
52
SNIFFER RECEIVER ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 63. Sniffer Receiver Gain vs. Sniffer Receiver Attenuation,
600 MHz LO, CW Signal 3 MHz Offset, 20 MHz RF Bandwidth,
30.72 MSPS Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com