Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9375BBCZ Datasheet(PDF) 60 Page - Analog Devices

Part # AD9375BBCZ
Description  Integrated, Dual RF Transceiver with Observation Path
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9375BBCZ Datasheet(HTML) 60 Page - Analog Devices

Back Button AD9375BBCZ Datasheet HTML 53Page - Analog Devices AD9375BBCZ Datasheet HTML 54Page - Analog Devices AD9375BBCZ Datasheet HTML 55Page - Analog Devices AD9375BBCZ Datasheet HTML 56Page - Analog Devices AD9375BBCZ Datasheet HTML 57Page - Analog Devices AD9375BBCZ Datasheet HTML 58Page - Analog Devices AD9375BBCZ Datasheet HTML 59Page - Analog Devices AD9375BBCZ Datasheet HTML 60Page - Analog Devices AD9375BBCZ Datasheet HTML 61Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 60 / 61 page
background image
AD9375
Data Sheet
Rev. 0 | Page 60 of 61
JTAG BOUNDARY SCAN
The AD9375 provides support for a JTAG boundary scan. Five
dual-function pins are associated with the JTAG interface.
These pins, listed in Table 11, are used to access the on-chip test
access port. To enable the JTAG functionality, set the GPIO_0
through GPIO_3 pins according to Table 12 depending on how the
desired JESD204B sync pin (that is, SYNCINB0+, SYNCINB0−,
SYNCINB1+, SYNCINB1−, SYNCOUTB0+, or SYNCOUTB0−)
is configured in the software (LVDS or CMOS mode). Pull the
TEST pin high to enable the JTAG mode.
Table 11. Dual-Function Boundary Scan Test Pins
Mnemonic
JTAG Mnemonic
Description
GPIO_4
TRST
Test access port reset
GPIO_5
TDO
Test data output
GPIO_6
TDI
Test data input
GPIO_7
TMS
Test access port mode select
GPIO_18
TCK
Test clock
Table 12. JTAG Modes
Test Pin Level
GPIO_0 to GPIO_3
Description
0
XXXX1
Normal operation
1
1001
JTAG mode with LVDS
JESD204B sync signals
1
1011
JTAG mode with CMOS
JESD204B sync signals
1 X means don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com