Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9375BBCZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD9375BBCZ
Description  Integrated, Dual RF Transceiver with Observation Path
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9375BBCZ Datasheet(HTML) 1 Page - Analog Devices

  AD9375BBCZ Datasheet HTML 1Page - Analog Devices AD9375BBCZ Datasheet HTML 2Page - Analog Devices AD9375BBCZ Datasheet HTML 3Page - Analog Devices AD9375BBCZ Datasheet HTML 4Page - Analog Devices AD9375BBCZ Datasheet HTML 5Page - Analog Devices AD9375BBCZ Datasheet HTML 6Page - Analog Devices AD9375BBCZ Datasheet HTML 7Page - Analog Devices AD9375BBCZ Datasheet HTML 8Page - Analog Devices AD9375BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
Integrated, Dual RF Transceiver
with Observation Path
Data Sheet
AD9375
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalog Devicesforitsuse,nor for anyinfringementsofpatentsor other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Dual differential Tx
Dual differential Rx
Observation receiver with 2 inputs
Fully integrated, ultralow power DPD actuator and adaptation
engine for PA linearization
Sniffer receiver with 3 inputs
Tunable range: 300 MHz to 6000 MHz
Linearization signal BW to 40 MHz
Tx synthesis BW to 250 MHz
Rx BW: 8 MHz to 100 MHz
Supports FDD and TDD operation
Fully integrated independent fractional-N RF synthesizers for
Tx, Rx, ORx, and clock generation
JESD204B digital interface
APPLICATIONS
3G/4G small cell base transceiver station (BTS)
3G/4G massive MIMO/active antenna systems
GENERAL DESCRIPTION
The AD9375 is a highly integrated, wideband radio frequency (RF)
transceiver offering dual-channel transmitters (Tx) and receivers
(Rx), integrated synthesizers, a fully integrated digital predistortion
(DPD) actuator and adaptation engine, and digital signal processing
functions. The IC delivers a versatile combination of high
performance and low power consumption required by 3G/4G
small cell and massive multiple input, multiple output (MIMO)
equipment in both frequency division duplex (FDD) and time
division duplex (TDD) applications. The AD9375 operates from
300 MHz to 6000 MHz, covering most of the licensed and unlicensed
cellular bands. The DPD algorithm supports linearization on
signal bandwidths up to 40 MHz depending on the power amplifier
(PA) characteristics (for example, two adjacent 20 MHz carriers).
The IC supports Rx bandwidths up to 100 MHz. It also supports
observation receiver (ORx) and Tx synthesis bandwidths up to
250 MHz to accommodate digital correction algorithms.
The transceiver consists of wideband direct conversion signal
paths with state-of-the-art noise figure and linearity. Each complete
Rx and Tx subsystem includes dc offset correction, quadrature error
correction (QEC), and programmable digital filters, eliminating
the need for these functions in the digital baseband. Several
auxiliary functions such as an auxiliary analog-to-digital converter
(ADC), auxiliary digital-to-analog converters (DACs), and general-
purpose input/outputs (GPIOs) are integrated to provide additional
monitoring and control capability.
An ORx channel with two inputs is included to monitor each Tx
output and implement calibration applications. This channel also
connects to three sniffer receiver (SnRx) inputs that can monitor
radio activity in different bands.
The high speed JESD204B interface supports lane rates up to
6144 Mbps. Four lanes are dedicated to the transmitters and four
lanes are dedicated to the receiver and observation receiver channels.
The fully integrated phase-locked loops (PLLs) provide high
performance, low power, fractional-N frequency synthesis for
the Tx, the Rx, the ORx, and the clock sections. Careful design
and layout techniques provide the isolation demanded in high
performance base station applications. All voltage controlled
oscillator (VCO) and loop filter components are integrated to
minimize the external component count.
The device contains a fully integrated, low power DPD actuator
and adaptation engine for use in PA linearization. The DPD feature
enables use of high efficiency PAs, significantly reducing the power
consumption of small cell base station radios while also reducing
the number of JESD204B lanes necessary to interface with baseband
processors.
A 1.3 V supply is required to power the AD9375 core, and a
standard 4-wire serial port controls it. Other voltage supplies
provide proper digital interface levels and optimize transmitter
and auxiliary converter performance. The AD9375 is packaged in a
12 mm × 12 mm, 196-ball chip scale ball grid array (CSP_BGA).


Similar Part No. - AD9375BBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9371 AD-AD9371 Datasheet
1Mb / 60P
Dual differential transmitters
Rev. A
AD9371 AD-AD9371 Datasheet
1Mb / 57P
Integrated, Dual RF Transceiver with Observation Path
Rev. B
AD9371BBCZ AD-AD9371BBCZ Datasheet
1Mb / 60P
Dual differential transmitters
Rev. A
AD9371BBCZ AD-AD9371BBCZ Datasheet
1Mb / 57P
Integrated, Dual RF Transceiver with Observation Path
Rev. B
AD9371BBCZ-REEL AD-AD9371BBCZ-REEL Datasheet
1Mb / 60P
Dual differential transmitters
Rev. A
More results

Similar Description - AD9375BBCZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7799 TI1-AFE7799 Datasheet
338Kb / 9P
Quad-Channel RF Transceiver With Feedback Path
AFE7769 TI1-AFE7769 Datasheet
341Kb / 9P
AFE7769 Quad-Channel RF Transceiver With Feedback Path
AFE7920 TI1-AFE7920 Datasheet
350Kb / 12P
AFE79xx Quad-Channel RF Transceiver With Feedback Path
logo
Analog Devices
ADRV9026 AD-ADRV9026 Datasheet
2Mb / 118P
Integrated, Quad RF Transceiver with Observation Path
8/2020-Rev. A to Rev. B
ADRV9010 AD-ADRV9010 Datasheet
2Mb / 115P
Integrated, Quad RF Transceiver with Observation Path
Jan-2021
ADRV9029 AD-ADRV9029 Datasheet
2Mb / 133P
Integrated, Quad RF Transceiver with Observation Path
12/2020-Revision 0
ADRV9008-2 AD-ADRV9008-2 Datasheet
2Mb / 95P
Integrated Dual RF Transmitters and Observation Receiver
9/2018-Revision 0
ADRV9009 AD-ADRV9009 Datasheet
3Mb / 127P
Integrated Dual RF Transmitter, Receiver, and Observation Receiver
5/2019-Rev. A to Rev B.
AD9986 AD-AD9986_V01 Datasheet
3Mb / 37P
4T2R Direct RF Transmitter and Observation Receiver
Rev. 0
AD9371 AD-AD9371_V01 Datasheet
1Mb / 57P
Integrated, Dual RF Transceiver with Observation Path
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com