Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17841B Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX17841B
Description  Automotive SPI Communication Interface (ASCI)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17841B Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX17841B Datasheet HTML 8Page - Maxim Integrated Products MAX17841B Datasheet HTML 9Page - Maxim Integrated Products MAX17841B Datasheet HTML 10Page - Maxim Integrated Products MAX17841B Datasheet HTML 11Page - Maxim Integrated Products MAX17841B Datasheet HTML 12Page - Maxim Integrated Products MAX17841B Datasheet HTML 13Page - Maxim Integrated Products MAX17841B Datasheet HTML 14Page - Maxim Integrated Products MAX17841B Datasheet HTML 15Page - Maxim Integrated Products MAX17841B Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
Data Types
Maxim’s battery management UART protocol supports
several different data types as described in Table3. The
ASCI does not interpret the significance of any of these
data types. It is up to the host to both compose the data
being transmitted and interpret the data being received.
For example, the host must compute the proper PEC
value for each transmitted message and must verify the
PECvalueoneachreceivedmessage.
Assigning Slave Device Addresses
The battery management UART protocol requires that the
host assign a unique and contiguous address between 0
and31toeachUARTslavedevicesothatthehostcan
address each slave device individually as desired. The host
performs this assignment by specifying a seed address
intheHELLOALLcommandsequence.Asthecommand
propagates up the daisy-chain, each slave device assigns
itsownaddress.TheHELLOALLsequencereturnsavalue
from which the host can determine the number of devices
in the daisy-chain as well as the device addresses.
Table 3. Message Data Types
Table 4. Common Commands
DATA TYPE
DESCRIPTION
Command
Definesthetypeofmessage,eitherawritecommandorareadcommand.
Address
Register address to be read or written.
Data
Register data being read or written.
PEC
CRC-8packeterror-checkingbyte;sentandreturnedwitheverymessage.
Data-Check
Errorstatusprovidedbytheslavedevices;returnedonlyonreads.
Alive-Counter
Used to verify the number of devices responding to a transmitted message. This byte is optional but is
recommended for error-checking purposes.
Fill
ByteswithvaluesC2horD3htransmittedasapartofreadcommandssothatthetotalnumberofbytessent
equalsthenumberofbytesreceived.However,thesebytesarenotreturnedtoreceiverwiththeiroriginal
values;insteadeachslavedevicereplacesthefillbyteswiththeregisterdatabeingrequestedbythehost.
COMMAND BYTE
VALUE
DESCRIPTION
HELLOALL
57h
Assigns a unique device address to each device in the daisy-chain.
WRITEALL
02h
Writesaspecificregisterinalldevices.
READALL
03h
Readsaspecificregisterfromalldevices.
Maxim Integrated │ 12
MAX17841B
Automotive SPI Communication Interface (ASCI)
www.maximintegrated.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com