Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17841B Datasheet(PDF) 26 Page - Maxim Integrated Products

Part # MAX17841B
Description  Automotive SPI Communication Interface (ASCI)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17841B Datasheet(HTML) 26 Page - Maxim Integrated Products

Back Button MAX17841B Datasheet HTML 22Page - Maxim Integrated Products MAX17841B Datasheet HTML 23Page - Maxim Integrated Products MAX17841B Datasheet HTML 24Page - Maxim Integrated Products MAX17841B Datasheet HTML 25Page - Maxim Integrated Products MAX17841B Datasheet HTML 26Page - Maxim Integrated Products MAX17841B Datasheet HTML 27Page - Maxim Integrated Products MAX17841B Datasheet HTML 28Page - Maxim Integrated Products MAX17841B Datasheet HTML 29Page - Maxim Integrated Products MAX17841B Datasheet HTML 30Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
READ ADDRESS
WRITE ADDRESS
DEFAULT VALUE
NAME
0x01
NA
11h
RX_Status
0x03
NA
13h
TX_Status
0x05
0x04
00h
RX_Interrupt_Enable
0x07
0x06
00h
TX_Interrupt_Enable
0x09
0x08
00h
RX_Interrupt_Flags
0x0B
0x0A
80h
TX_Interrupt_Flags
0x0D
0x0C
60h
Configuration_1
0x0F
0x0E
10h
Configuration_2
0x11
0x10
0Fh
Configuration_3
0x13
NA
00h
FMEA
0x15
NA
84h
Model
0x17
NA
12h
Version
0x19
NA
01h
RX_Byte
0x1B
NA
3Eh
RX_Space
0x95
NA
00h
TX_Queue_Selects
0x97
NA
00h
RX_Read_Pointer
0x99
NA
01h
RX_Write_Pointer
0x9B
NA
00h
RX_Next_Message
RX_STATUS REGISTER
ADDRESS
BITS
DEFAULT
NAME
DESCRIPTION
0x01
(Read)
(Note1)
7
0
RX_Error_Status
ThedatabyteatlocationRX_RD_Pointermay
contain an error (the corresponding character
contained a Manchester and/or parity error). This
bit is set when the byte is read, not when the byte is
received or written.
6
0
Reserved
Alwaysreadslogiczero.
5
0
RX_Busy_Status
The UART is busy receiving data.
4
1
RX_Idle_Status
The UART is not receiving data.
3
0
RX_Overflow_Status
ThedatabyteatlocationRX_WR_POINTERinthe
receivebufferwasoverwrittenbecausethereceive
bufferwasfull.Clearedwhenthereceivebufferisnot
full(whenthebufferisread).
2
0
RX_Full_Status
Thenumberofemptybytesinthereceivebufferis
less than the length of the message in the transmit
queue.
1
0
RX_STOP_Status
TheUARThasfinishedreceivingaproperlyframed
message (stop character) and it is ready to be read.
The UART clears this bit after all unread messages
have been read or if the UART detects a new
preamble character. The UART does not set this bit if
thebufferisemptyanditreceivesastopcharacter.
0
1
RX_Empty_Status
Thereceivebufferisclearedandcontainsnounread
data(RX_RD_Pointer=RX_WR_Pointer-1).
Register Table
Maxim Integrated │ 26
MAX17841B
Automotive SPI Communication Interface (ASCI)
www.maximintegrated.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com