Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17841B Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX17841B
Description  Automotive SPI Communication Interface (ASCI)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17841B Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX17841B Datasheet HTML 16Page - Maxim Integrated Products MAX17841B Datasheet HTML 17Page - Maxim Integrated Products MAX17841B Datasheet HTML 18Page - Maxim Integrated Products MAX17841B Datasheet HTML 19Page - Maxim Integrated Products MAX17841B Datasheet HTML 20Page - Maxim Integrated Products MAX17841B Datasheet HTML 21Page - Maxim Integrated Products MAX17841B Datasheet HTML 22Page - Maxim Integrated Products MAX17841B Datasheet HTML 23Page - Maxim Integrated Products MAX17841B Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
Table 10. UART Daisy-Chain Initialization Sequence (continued)
DIN
DOUT
DESCRIPTION
TRANSACTION 7
Waitfornullmessagetobereceived(pollRX_Empty_Statusbit)
01h
xxh
ReadRX_Statusregister
TRANSACTION 8
Cleartransmitbuffer
20h
xxh
Cleartransmitbuffer
TRANSACTION 9
Clearreceivebuffer
E0h
xxh
Clearreceivebuffer
TRANSACTION 10
LoadtheHELLOALLcommandsequenceintotheloadqueue
C0h
xxh
WR_LD_QSPIcommandbyte(writetheloadqueue)
03h
xxh
Message length
57h
xxh
HELLOALLcommandbyte
00h
xxh
Register address (0x00)
00h
xxh
InitializationaddressofHELLOALL
TRANSACTION 11
Verifycontentsoftheloadqueue
C1h
xxh
RD_LD_QSPIcommandbyte
xxh
03h
OK
xxh
57h
OK
xxh
00h
OK
xxh
00h
OK
TRANSACTION 12
TransmitHELLOALLsequence
B0h
xxh
WR_NXT_LD_QSPIcommandbyte(writethenextloadqueue)
TRANSACTION 13
PollRX_Stop_Statusbit
01h
xxh
ReadRX_Statusregister
xxh
12h
IfRX_Status[1]istrue,continue.Iffalse,thenrepeattransactionuntiltrue.
TRANSACTION 14
Servicereceivebuffer.ReadtheHELLOALLmessagethatpropagatedthroughthedaisy-chainandwas
returned back to the ASCI. The host should verify the device count.
93h
xxh
RD_NXT_MSGSPItransaction
xxh
57h
Sentcommandbyte(HELLOALL)
xxh
00h
Sent address = 00h
xxh
02h
Returned address = 02h
TRANSACTION 15
Checkforreceivebuffererrors
09h
xxh
ReadRX_Interrupt_Flagsregister
xxh
00h
Ifnoerrors,continue.Otherwise,clearandgotoerrorroutine.
Maxim Integrated │ 20
MAX17841B
Automotive SPI Communication Interface (ASCI)
www.maximintegrated.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com