Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17841B Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX17841B
Description  Automotive SPI Communication Interface (ASCI)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17841B Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX17841B Datasheet HTML 13Page - Maxim Integrated Products MAX17841B Datasheet HTML 14Page - Maxim Integrated Products MAX17841B Datasheet HTML 15Page - Maxim Integrated Products MAX17841B Datasheet HTML 16Page - Maxim Integrated Products MAX17841B Datasheet HTML 17Page - Maxim Integrated Products MAX17841B Datasheet HTML 18Page - Maxim Integrated Products MAX17841B Datasheet HTML 19Page - Maxim Integrated Products MAX17841B Datasheet HTML 20Page - Maxim Integrated Products MAX17841B Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
Clearing the Receive Buffer
DuringUARTinitialization,itisrecommendedthatthehost
clearthereceivebufferbyissuingtheCLR_RX_BUFSPI
transaction(E0h).Thisresetsthereceivebufferasfollows:
● RX_RD_Pointer:00h
● RX_WR_Pointer:01h
● RX_NXT_MSG_POINTER:00h
● Datainreceivebuffer(62bytes)isclearedto00h
If the receive buffer is cleared during Transmit Preambles
mode, the state of the buffer cannot be guaranteed.
Therefore, after disabling the Transmit Preambles mode,
the host should wait until all transmitted preambles have
been received before clearing the buffer. Since the first
keep-alive stop character received after the last preamble
results in a null message, the host can simply wait until
the buffer is no longer empty (RX_Empty_Status = 0)
before clearing the buffer.
The RX Clear Buffer command acts an an asynchronous
reset not only for the RX Buffer, but also for the UART
receiver logic. When the UART receiver logic is reset, it
must resynchronize to the incoming UART signal before
bytes can be properly processed. This is accomplished
by receiving either a preamble byte or an idle state
lasting at least one UART byte period. The preamble used to
resynchronize the data stream should not be the same
preamble that is at the beginning of the next transmitted
message. The application should make sure that one of
these conditions is met following an RX buffer clear prior to
sending the next message from the MAX17841B.
Receiving Messages
UART messages are framed with the preamble and stop
characters. If the UART receiver decodes a valid pream-
ble, it prepares to receive a message but it does not store
thepreambleinthereceivebuffer.Oncedataisreceived,
thebufferisnolongerempty(RX_Empty_Status=0)and
the UART sequentially stores decoded data bytes in the
receive buffer until either a stop character or another pre-
amble is received. When the stop character is received at
the end of a message, the UART stores it in the receive
bufferasanullbyte(00h)andsetstheRX_Stop_Status
bit. The RX_Stop_Status bit is subsequently cleared
when all unread messages have been read (buffer empty)
or the next preamble is detected. The host can set the
RX_Stop_INT_Enablebitandmonitortheinterruptlineto
determine when to service the receive buffer.
When the host services the receive buffer, three bits in the
RX_Byte register indicate specific information about the
bytebeingread(thebyteaddressedbyRX_RD_Pointer),
which is useful for error checking:
● First_Bytebit:Indicatesthatthebyteisthefirstdata
byte in a message (the corresponding character was
preceded by preamble character).
● Byte_Error bit: Indicates that the byte may contain
an error (the corresponding character contained a
Manchester and/or parity error). This bit drives the
RX_Errorinterrupt.
● Last_Bytebit:Indicatesthatthebyteisthelastbytein
a message (the corresponding character was a stop
character and was stored as a null byte).
Message Exceptions
If a message is not framed with a valid preamble, then the
UART ignores the data and does not store it.
If a message is not framed with a stop character, then
the preamble of the next message serves to delineate
betweenthetwomessages.However,thefirstmessage
has no stop character stored.
If the UART receives a preamble followed by a stop
character it stores a null message in the receive buffer
consisting of a single null byte (00h). This occurs when
a keep-alive stop character is received after Transmit
Preambles mode is disabled. In this use case, the receive
Figure 12. Receive Buffer Memory Map
RECEIVE BUFFER MEMORY MAP
EACH MESSAGE IS
VARIABLE LENGTH
AVAILABLE
(EMPTY)
FIRST BYTE OF MESSAGE 2
DATA TO HOST
RX_RD_POINTER
RX_NXT_MESSAGE
RX_WR_POINTER
FIRST BYTE OF MESSAGE 3
DATA FROM UART
AVAILABLE
(EMPTY)
1 1 1 1 1 0
0 0 0 0 0 0
MESSAGE 1
(ALREADY READ)
8 BITS
MESSAGE 2
(BEING READ)
PART OF
MESSAGE 3
(BEING LOADED
BY UART)
Maxim Integrated │ 17
MAX17841B
Automotive SPI Communication Interface (ASCI)
www.maximintegrated.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com