Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17841B Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # MAX17841B
Description  Automotive SPI Communication Interface (ASCI)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17841B Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button MAX17841B Datasheet HTML 18Page - Maxim Integrated Products MAX17841B Datasheet HTML 19Page - Maxim Integrated Products MAX17841B Datasheet HTML 20Page - Maxim Integrated Products MAX17841B Datasheet HTML 21Page - Maxim Integrated Products MAX17841B Datasheet HTML 22Page - Maxim Integrated Products MAX17841B Datasheet HTML 23Page - Maxim Integrated Products MAX17841B Datasheet HTML 24Page - Maxim Integrated Products MAX17841B Datasheet HTML 25Page - Maxim Integrated Products MAX17841B Datasheet HTML 26Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Error Checking
Itishighlyrecommendedthatthehostutilizethevarious
error checking features available in both the ASCI and the
battery management UART protocol to ensure the integ-
rity of the data being received. The host should implement
the following verifications:
● Verification of write data received (matching values,
number of bytes)
● Verification of read data received (allowed values,
ranges, number of bytes)
● Verification of the received PEC, data-check, and
alive-counter bytes
● VerificationofASCIFMEAregister
● Verification of the ASCI status bits (RX_Error_
Status, RX_Overflow_Status, TX_Overflow_Status,
POR_Flag)
Corrupted Preamble Character
If the preamble for a message is corrupted, none of the
message is entered into the receive buffer. To detect
this failure mode, the host should always verify that any
message that it transmitted was also received into the
receive buffer. In the case where the host is polling a
register (identical messages) then the host can uniquely
identify each message sent by sending up to 256 different
seed values for the alive-counter byte. The host should
increment the seed value every time a message is sent
by the host so that its propagation through the daisy chain
can be verified in the received data. The alive-counter
byteissentafterthePECbyteandthereforethePECis
not affected.
Corrupted Message Content
Manchester, parity, and PEC errors are indications that
the data in the message may have been corrupted. For
each UART message received, the host should perform
the appropriate computations on any error-checking bytes
that may be available in the received message:
● Data-Check byte: Error status provided by the slave
device(s);sentandreturnedonreadsofslavedevice
data as described in the slave device data sheet.
● PECbyte:CRC-8packeterror-checkingbyteprovided
by the slave device(s); sent and returned with every
message as described in the slave device data sheet.
● Alive-Counter byte: Used to verify the number of
devicesrespondingtoatransmittedmessage;canbe
sent and received with every message as described in
the slave device data sheet.
Table 11. Transaction Sequence for UART Write and Read (continued)
SPI DIN
SPI DOUT
DESCRIPTION
TRANSACTION 9
Readthereceivebufferandverifythatthedeviceregisterdataiswhatwaswrittenduringthe
WRITEALLsequence
93h
xxh
RD_NXT_MSGSPIcommandbyte
xxh
03h
Sentcommandbyte(READALL)
xxh
12h
Sent register address
xxh
B1h
LSbyteofdevice1
xxh
B2h
MS byte of device 1
xxh
B1h
LSbyteofdevice0
xxh
B2h
MS byte of device 0
xxh
00h
Data-checkbyte(=00hifallstatusbitshavebeencleared)
xxh
67h
PEC(fortheprevious7bytes)
xxh
02h
Alive-counterbyte(=sentseed+2,ifalivecounterisenabled)
TRANSACTION 10
Checkforreceivebuffererrors
09h
xxh
ReadRX_Interrupt_Flagsregister
xxh
00h
Ifnoerrors,continue.Otherwise,clearandgotoerrorroutine.
Maxim Integrated │ 22
MAX17841B
Automotive SPI Communication Interface (ASCI)
www.maximintegrated.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com