Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17841B Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX17841B
Description  Automotive SPI Communication Interface (ASCI)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17841B Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX17841B Datasheet HTML 14Page - Maxim Integrated Products MAX17841B Datasheet HTML 15Page - Maxim Integrated Products MAX17841B Datasheet HTML 16Page - Maxim Integrated Products MAX17841B Datasheet HTML 17Page - Maxim Integrated Products MAX17841B Datasheet HTML 18Page - Maxim Integrated Products MAX17841B Datasheet HTML 19Page - Maxim Integrated Products MAX17841B Datasheet HTML 20Page - Maxim Integrated Products MAX17841B Datasheet HTML 21Page - Maxim Integrated Products MAX17841B Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
buffer is not empty. The host should dispense of the null
message by either clearing the receive buffer or by simply
reading the null message and discarding it.
A receive buffer overflow occurs when the UART receives
data but there is no more space to store it. This could
potentially occur ifTX_Unlimited was set or if there was
sufficient latency in the daisy-chain. The UART cannot
overtake the read pointer and overwrite the data being
read so the last address that can be written is the one just
behind the read pointer. If more data is received after the
last address is written, the UART simply overwrites the last
address and then sets the RX_Overflow_Status bit. The
RX_Overflow_Statusbitisclearedwhenthereceivebuffer
is read, thereby creating more write space. To detect any
overflow, the status must be checked before servicing the
receive buffer. After servicing the receive buffer, the status
Table 9. SPI Transactions
REGISTER TRANSACTIONS
ADDRESS
NAME
DESCRIPTION
0x01 to 0x1B and 0x95 to 0x9B
See the Register Table
ReadsorwritesthespecifiedASCIregister
BUFFER TRANSACTIONS
COMMAND
START LOCATION
DESCRIPTION
0x20
CLR_TX_BUFCommand:Resetsthetransmitbuffertoitsdefaultstateandclears
TX_QandLD_Q.
0x91
RX_RD_
Pointer
RD_MSGCommand:ReadsthereceivebufferstartingattheaddressRX_RD_
Pointer. Automatically increments the read pointer after the byte is read but does
not increment the read pointer into the next message.
0x93
RX_NXT_MSG_
Pointer
RD_NXT_MSGCommand:ReadsthereceivebufferstartingattheaddressRX_
NXT_MSG_Pointer(oldestunreadmessage).Automaticallyincrementstheread
pointer after the byte is read but does not increment the read pointer into the next
message.
0xB0
LD_QLocation0
WR_NXT_LD_QCommand:IncrementsLD_Q,thenwritesthetransmitbuffer
load queue. The increment occurs whether the host loads the data or not. The
commandbytedefinesthefirstlocationtobewritten(locations0to6).For
example, 0xB0 starts writing at location 0 and continues through location 6. Writes
beyondlocation6havenoeffect.
0xB2
LD_QLocation1
0xB4
LD_QLocation2
0xB6
LD_QLocation3
0xB8
LD_QLocation4
0xBA
LD_QLocation5
0xBC
LD_QLocation6
0xC0
LD_QLocation0
WR_LD_QCommand:Writesthetransmitbufferloadqueue.Thecommandbyte
definesthefirstbytewritten(locations0to6).Forexample,0xC0startswriting
at location 0 and continues through location 6. Writes beyond location 6 have no
effect.
0xC2
LD_QLocation1
0xC4
LD_QLocation2
0xC6
LD_QLocation3
0xC8
LD_QLocation4
0xCA
LD_QLocation5
0xCC
LD_QLocation6
0xC1
LD_QLocation0
RD_LD_QCommand:Readstransmitbufferloadqueue.Thecommandbyte
definesthefirstbyteread(locations0to6).Forexample,0xC1startsreading
at location 0 and continues through location 6. Reading beyond location 6 reads
zeros.
0xC3
LD_QLocation1
0xC5
LD_QLocation2
0xC7
LD_QLocation3
0xC9
LD_QLocation4
0xCB
LD_QLocation5
0xCD
LD_QLocation6
0xE0
CLR_RX_BUFCommand:Resetsthereceivebufferandthereceivebuffer
pointers to their default state.
Maxim Integrated │ 18
MAX17841B
Automotive SPI Communication Interface (ASCI)
www.maximintegrated.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com