Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17841B Datasheet(PDF) 23 Page - Maxim Integrated Products

Part # MAX17841B
Description  Automotive SPI Communication Interface (ASCI)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17841B Datasheet(HTML) 23 Page - Maxim Integrated Products

Back Button MAX17841B Datasheet HTML 19Page - Maxim Integrated Products MAX17841B Datasheet HTML 20Page - Maxim Integrated Products MAX17841B Datasheet HTML 21Page - Maxim Integrated Products MAX17841B Datasheet HTML 22Page - Maxim Integrated Products MAX17841B Datasheet HTML 23Page - Maxim Integrated Products MAX17841B Datasheet HTML 24Page - Maxim Integrated Products MAX17841B Datasheet HTML 25Page - Maxim Integrated Products MAX17841B Datasheet HTML 26Page - Maxim Integrated Products MAX17841B Datasheet HTML 27Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
ThehostshouldalsosettheASCI’sRX_Error_INT_Enable
bit. If, in the course of reading the receive buffer, the ASCI
setstheRX_Error_INT_Flag,itmeansthattheUARThad
detected a Manchester and/or parity error in at least one
of the received characters in the message. Because
Manchester and parity errors can be introduced anywhere
intheUARTdatastream,theerrorsdenotedbytheRX_
Error_INT_Flagarenotnecessarilyreflectedintheerror-
checking bytes returned by the slave device(s). Therefore,
the host should check and clear this flag after (but not
before) reading each message in the receive buffer.
Corrupted or Missing Stop Character
If a stop character is corrupted or missing, there is no data
loss because the message is still framed either by a sub-
sequent valid stop character (that is automatically sent in
Keep-Alivemode)orbythepreambleofthenextUARTmes-
sage. A corrupted stop character can be interpreted as a data
character and would be stored as such in error. In this case,
if a valid stop character is eventually received before the next
preamble, the message length is one byte too long. The host
should check for this condition by computing the received
message length and comparing it to the expected message
length.
Before reading the next message, the host should also check
theRX_Byteregistertoverifythatthelastcharacterreceived
was a valid stop character, in which case all of the following
are true:
1) The last byte in the message is a null byte (00h).
2) TheLast_Bytebitisset.
3) TheByte_Errorbitiscleared.
IfastopcharacterwasnotreceivedthentheLast_Byte
bit is not set.
Unintended Preamble
The presence of an unintended preamble in the middle
of a message creates an unintended message in the
receive buffer. If the unintended preamble is the result of a
corrupted data character within a message, then the mes-
sage is prematurely terminated and a second, unexpected
message is created. This event can be detected by
comparing the number of received bytes in the message
to the expected number.
Unintended Stop Character
The presence of an unintended stop character prema-
turely terminates the message. This is detected by com-
paring the number of received bytes in the message to the
expected number.
UART Physical Layer
Single-Ended Mode
By default, UART ports are configured for differential
communication. For single-ended operation, the host can
settheSingle_Ended_Modeconfigurationbit.Thismode
enables the UART to receive a single-ended signal by
shiftingtheinputthresholdnegativesothatzerodifferen-
tial voltage is a logic one. The RXP input is connected to
ground and the RXN input receives the inverted signal,
just as it does for differential mode. In this mode, the Tx
port operates the same as in differential mode.
Figure 13. Single-Ended Mode
1.5kΩ
RXP
RXN
GNDL
15pF
Maxim Integrated │ 23
MAX17841B
Automotive SPI Communication Interface (ASCI)
www.maximintegrated.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com