Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17841B Datasheet(PDF) 30 Page - Maxim Integrated Products

Part # MAX17841B
Description  Automotive SPI Communication Interface (ASCI)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17841B Datasheet(HTML) 30 Page - Maxim Integrated Products

Back Button MAX17841B Datasheet HTML 25Page - Maxim Integrated Products MAX17841B Datasheet HTML 26Page - Maxim Integrated Products MAX17841B Datasheet HTML 27Page - Maxim Integrated Products MAX17841B Datasheet HTML 28Page - Maxim Integrated Products MAX17841B Datasheet HTML 29Page - Maxim Integrated Products MAX17841B Datasheet HTML 30Page - Maxim Integrated Products MAX17841B Datasheet HTML 31Page - Maxim Integrated Products MAX17841B Datasheet HTML 32Page - Maxim Integrated Products MAX17841B Datasheet HTML 33Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
Register Table (continued)
CONFIGURATION_3 REGISTER
ADDRESS
BITS
DEFAULT
NAME
DESCRIPTION
0x10 (Write)
0x11
(Read
7
0
Reserved
Alwaysreadslogiczero.
6
0
Reserved
Alwaysreadslogiczero.
5
0
TX_Unlimited
In this mode, the transmit queue automatically limits
the message length to 255 bytes instead of the
default 62-byte limit, and the message transmission is
permitted even if the message length is greater than
theavailablewritespaceinthereceivebuffer.
4
0
DOUT_Enable
SPIOutputEnable:AssertsDOUTpin.Defaultis
three-stated.
3:0
1111
Keep_Alive[3:0]
Keep-AliveMode:Periodicallysendsastopcharacter
to prevent slave devices from shutting down during
periods of no communication (idle state). The idle
time in between the periodic stop characters is based
onthe4-bitvaluebelow.Thedefaultsettingisinfinite
(modedisabled).Note:theTransmitPause,Transmit
Preambles,andtheTransmitQueuemodestake
precedence over this mode.
0000 = 0µs
0001 = 10µs
0010 = 20µs
0011 = 40µs
0100 = 80µs
0101 = 160µs
0110=320µs
0111 = 640µs
1000 = 1.28ms
1001 = 2.56ms
1010 = 5.12ms
1011 = 10.24ms
1111=Infinitedelay/disabled(default)
FMEA REGISTER
0x13(Read)
7:3
00000
Reserved
Always reads logic 0.
2
0
AGND_Alert
IndicatesVAGND-VGNDL>0.2V
1
0
VDDL_Alert
IndicatesVAA-VDDL>0.3V
0
0
GNDL_Alert
IndicatesVGNDL-VAGND>0.2V
MODEL REGISTER
0x15 (Read)
7:0
10000100
Model[11:4]
FirsttwodigitsoftheModelNumber(84h)
VERSION REGISTER
0x17 (Read)
7:4
0001
Model[3:0]
LastdigitoftheModelNumber(1h)
3:0
0010
Version[3:0]
Mask revision (2)
Maxim Integrated │ 30
MAX17841B
Automotive SPI Communication Interface (ASCI)
www.maximintegrated.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com