Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17841B Datasheet(PDF) 29 Page - Maxim Integrated Products

Part # MAX17841B
Description  Automotive SPI Communication Interface (ASCI)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17841B Datasheet(HTML) 29 Page - Maxim Integrated Products

Back Button MAX17841B Datasheet HTML 25Page - Maxim Integrated Products MAX17841B Datasheet HTML 26Page - Maxim Integrated Products MAX17841B Datasheet HTML 27Page - Maxim Integrated Products MAX17841B Datasheet HTML 28Page - Maxim Integrated Products MAX17841B Datasheet HTML 29Page - Maxim Integrated Products MAX17841B Datasheet HTML 30Page - Maxim Integrated Products MAX17841B Datasheet HTML 31Page - Maxim Integrated Products MAX17841B Datasheet HTML 32Page - Maxim Integrated Products MAX17841B Datasheet HTML 33Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
CONFIGURATION_2 REGISTER
ADDRESS
BITS
DEFAULT
NAME
DESCRIPTION
0x0E(Write)
0x0F (Read)
7
0
RX_Raw_Data
ReceiveRawDataMode:DisablesManchester
decoding of the received data. In this mode, there is
one data byte stored for every one character received
(instead of every two received).
6
0
TX_Raw_Data
TransmitRawDataMode:DisablesManchester
encoding of transmitted data. In this mode, each data
byte is transmitted as one character (instead of two
characters).
5
0
TX_Preambles
Transmit Preambles Mode: Transmits preambles
continuously. This mode takes precedence over all
transmit modes except Transmit Pause mode.
4
1
TX_Queue
TransmitQueueMode:Enablestransmissionofthe
messageloadedintheTransmitQueueIF1)thereis
sufficientspaceintheReceiveBufferforthemessage
(RX_Full_Statusisfalse)OR2)thelimitationson
messagelengthareremoved(TX_Unlimitedisset).
3
0
TX_Odd_Parity
TransmitOddParityMode:Transmitscharacterswith
odd parity. Since the UART protocol uses even parity,
this mode can be used to test the system’s ability to
detectparityerrors.Evenparityisdefault.
2
0
TX_Pause
Transmit Pause Mode: Places the transmitter into
idlestateoncetheUARThasfinishedtransmitting
thecurrentbyte,however,theTX_Busy_Statusand
TX_Idle_Statusbitsremainunchanged.Transmission
resumeswhenthisbitiscleared.Note:Thismode
takes precedence over all other transmit modes
(TransmitPreambles,TransmitQueue,andKeep-
Alive modes).
1
0
TX_No_Stop
TransmitNoStopMode:Transmitsmessageswithout
a stop character. By sending subsequent messages
withtheTX_No_Preamblebitset,aframedmessage
ofindefinitelengthcanbeconstructed.The
TX_Unlimitedbitmustbesetformessagesgreater
than 62 bytes.
0
0
TX_No_Preamble
TransmitNoPreambleMode:Transmitsmessages
withoutapreamble.Byfirstsendingamessagein
whichtheTX_No_Stopbitissetandthensending
messages with this bit set, a framed message of
indefinitelengthcanbeconstructed.However,if
the preceding message is terminated with a stop
character (end of frame), then the data sent in this
mode is unframed (no preamble) and is not stored in
thereceivebuffer.
Register Table (continued)
Maxim Integrated │ 29
MAX17841B
Automotive SPI Communication Interface (ASCI)
www.maximintegrated.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com