Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17841BGUE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX17841BGUE
Description  Automotive SPI Communication Interface (ASCI)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17841BGUE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX17841BGUE Datasheet HTML 4Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 5Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 6Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 7Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 8Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 9Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 10Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 11Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Detailed Description
The MAX17841B allows any host controller with an SPI
port to communicate with one or more battery manage-
ment slave devices that use Maxim’s battery manage-
ment UART protocol.
Together with the host controller, the ASCI is the mas-
ter for communications with the slave devices. Figure 5
shows the functional block diagram. Table 1 shows how
power is distributed inside the device.
Serial Peripheral Interface (SPI)
The SPI port is a synchronous data link that the host uses
to read and write the ASCI registers and the UART com-
munication buffers.
SPI Transactions
An SPI transaction is initiated when the host drives the CS
pin low. The host always transmits data most-significant
bit (MSB) first to the ASCI. After the first byte, it can termi-
Pin Description (continued)
Table 1. Internal Power Distribution
Figure 5. Functional Diagram
PIN
NAME
FUNCTION
DESCRIPTION
15
RXN
Output
UARTReceiverNegativeInput.ConnecttoTxportnegativeoutputofUARTslavedevice
per application circuit.
16
RXP
Output
UART Receiver Positive Input. Connect to Tx port positive output of UART slave device per
application circuit.
BLOCK
SUPPLY
Oscillator
VAA
SPIPortandLDORegulator
DCIN
Digital,UART,andControl
VDDL
DOUT
INT
RXN
RXP
TXP
TXN
VDDL
GNDL
REGISTERS
CONTROLLER
DCIN
VDD
3.3V
SPI SLAVE
CONTROLLER
CS
SCLK
DIN
RECEIVE
BUFFER
UART
DECODER
DCIN
AGND
VAA
SHDN
RECEIVER
16MHz
OSCILLATOR
3.3V LDO
REGULATOR
TRANSMIT
BUFFER
MAX17841B
FILL BYTE
GENERATOR
UART
ENCODER
TRANSMITTER
Maxim Integrated │ 8
MAX17841B
Automotive SPI Communication Interface (ASCI)
www.maximintegrated.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com