Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17841BGUE Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX17841BGUE
Description  Automotive SPI Communication Interface (ASCI)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17841BGUE Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX17841BGUE Datasheet HTML 17Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 18Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 19Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 20Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 21Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 22Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 23Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 24Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
Table 11. Transaction Sequence for UART Write and Read
SPI DIN
SPI DOUT
DESCRIPTION
TRANSACTION 1
LoadtheWRITEALLcommandsequenceintotheloadqueue
C0h
xxh
WR_LD_QSPIcommandbyte
06h
xxh
Message length = 6
02h
xxh
WRITEALLcommandbyte
12h
xxh
Register address of the device
B1h
xxh
LSbyteofregisterdatatobewritten
B2h
xxh
MS byte of register data to be written
C4h
xxh
PECbytefor02h,12h,B1h,B2h
00h
xxh
Alive-counter byte (seed value = 0)
TRANSACTION 2
StarttransmittingtheWRITEALLsequencefromthetransmitqueue
B0h
xxh
WR_NXT_LD_QSPIcommandbyte
TRANSACTION 3
Checkifamessagehasbeenreceivedintothereceivebuffer
01h
xxh
ReadRX_Statusregister
xxh
12h
IfRX_Status[1]istrue,continue.Otherwise,repeatuntiltrueortimeout.
TRANSACTION 4
ReadreceivebuffertoverifythesentWRITEALLmessage
93h
xxh
RD_NXT_MSGSPI
xxh
02h
Sentcommandbyte(WRITEALL)
xxh
12h
Sent address
xxh
B1h
SentLSbyte
xxh
B2h
Sent MS byte
xxh
C4h
SentPEC
xxh
02h
Alive-counterbyte(=sentseed+2,ifalivecounterenabled)
TRANSACTION 5
Checkforreceivebuffererrors
09h
xxh
ReadRX_Interrupt_Flagsregister
xxh
00h
Ifnoerrors,continue.Otherwise,clearandgotoerrorroutine.
TRANSACTION 6
LoadtheREADALLcommandsequenceintotheloadqueue
C0h
xxh
WR_NXT_LD_QSPIcommandbyte
09h
xxh
Messagelength(5+2xn=9)
03h
xxh
READALLcommandbyte
12h
xxh
Register address
00h
xxh
Data-checkbyte(seedvalue=00h)
CBh
xxh
PECbyteforbytes03h,12h,00h
00h
xxh
Alive-counter byte (seed value = 00h)
TRANSACTION 7
StarttransmittingtheREADALLsequence
B0h
xxh
WR_NXT_LD_QSPIcommandbyte
TRANSACTION 8
Checkifamessagehasbeenreceivedintothereceivebuffer
01h
xxh
ReadtheRX_Statusregister
xxh
12h
IfRX_Status[1]istrue,continue.Otherwise,repeatuntiltrueortimeout.
Maxim Integrated │ 21
MAX17841B
Automotive SPI Communication Interface (ASCI)
www.maximintegrated.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com