Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17841BGUE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX17841BGUE
Description  Automotive SPI Communication Interface (ASCI)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17841BGUE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX17841BGUE Datasheet HTML 1Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 2Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 3Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 4Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 5Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 6Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 7Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 8Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
(VDCIN=5V,VAA = VDDL=3.3V,TA = TMIN to TMAX, unless otherwise noted, where TMIN=-40°CandTMAX=+105°C.Typicalvalues
are at TA=+25°C.Operationiswiththerecommendedapplicationcircuit.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LOGIC OUTPUTS (DOUT, INT)
OutputLeakageCurrent
ILKG
VDOUT=0and5V,VINT=5V
-1.0
+1.0
µA
OutputLowVoltage
VOL
IOL= -2mA
VGNDL+
0.4
V
OutputHighVoltage(DOUT)
VOH
IOH= 2mA
VDCIN
- 0.4
V
POWER AND GROUND FAULT DETECTION
OpenDetectionVoltage(VDDL)
VVDDLALRT VAA=3.3V
2.8
3.0
V
OpenDetectionVoltage(GNDL) VGNDLALRT VAGND=0V
0.13
0.25
V
OpenDetectionVoltage(AGND) VAGNDALRT VGNDL=0V
0.13
0.25
V
UART INPUTS (RXP, RXN)
RXPInputVoltage
VRXP
VGNDL
- 28
VGNDL
+28
V
RXNInputVoltage
VRXN
VGNDL
- 28
VGNDL
+28
V
DifferentialInputHighThreshold
VTH
(Note2)
VDDL/2
-
400mV
VDDL/2
VDDL/2+
400mV
V
DifferentialInputZero-Crossing
Threshold
VZC
(Note2)
-400
0
+400
mV
DifferentialInputLowThreshold
VTL
(Note2)
-VDDL/
2 -
400mV
-VDDL/
2
-VDDL/2
+400mV
V
DifferentialInputHysteresis
VHYST
(Note2)
25
75
150
mV
Common-ModeVoltageBias
VCM
VDDL/3
- 0.1
VDDL/3
VDDL/3
+0.1
V
Input Capacitance
CIN
2
pF
LeakageCurrent
ILKG
-30
+30
µA
InputResistancetoVCM
RRXIN
1.1
MΩ
UART OUTPUTS (TXP, TXN)
OutputLowVoltage
VOL
IOL= -20mA
VGNDL+
0.4
V
OutputHighVoltage
VOH
IOH= 20mA
VDDL -
0.4
V
SPI TIMING
SCLKFrequency
fSCLK
4
MHz
CS
toSCLKSetupTime
tCSS
250
ns
CS
HighPulseWidth
tCSWH
200
ns
SCLKHighTime
tCH
100
ns
SCLKLowTime
tCL
100
ns
Electrical Characteristics (continued)
Maxim Integrated │ 3
MAX17841B
Automotive SPI Communication Interface (ASCI)
www.maximintegrated.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com