Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17841BGUE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX17841BGUE
Description  Automotive SPI Communication Interface (ASCI)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17841BGUE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX17841BGUE Datasheet HTML 6Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 7Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 8Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 9Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 10Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 11Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 12Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 13Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Battery Management UART Protocol
The ASCI uses a UART protocol specifically designed for
Maxim battery management devices. This protocol uses
the following features to maximize the integrity of the
communications:
● All transmitted data are Manchester-encoded where
each data bit is transmitted twice with the second bit
inverted(G.E.Thomasconvention).
● Every transmitted character contains 12 bits that
includeaSTARTbit,aparitybit,andtwoSTOPbits.
● Each message contains a CRC-8 packet error-
checking(PEC)byte
● Eachmessageisframedbyapreamblecharacterand
stop character.
● Each received message contains a data-check byte
for verifying the integrity of the transmission.
The protocol is also designed to minimize power con-
sumption by allowing slave devices to shut down if the
data link is idle for a specified period of time. To prevent
the unintentional shutdown of slave devices, the host
shouldenabletheASCI’sKeep-Alivemodetoperiodically
transmit stop characters. The time period between stop
characters is configurable by the host.
UART Messages
A message is defined as a sequence of UART characters.
The message starts with a preamble character, followed
by data characters, and ending with a stop character.
Eachcharacterconsistsofthefollowing12bits:
● OneSTARTbit
● Eightdatabits(LSBfirst)
● Oneparitybit(even)
● TwoSTOPbits
Eachdatabyteistransmittedandreceivedastwosepa-
rate characters, one 12-bit character for each 4-bit data
nibble.EachManchester-encodednibbleactuallyrequires
eight data bits: four true bits and four inverted bits.
In its default configuration, when the ASCI transmits a mes-
sage, it automatically performs the following functions:
● Framesthemessagewiththerequiredpreamblechar-
acter at the beginning of the message.
● Manchesterencodeseachdatanibbleandtransmits
each encoded nibble with the required START, parity,
andSTOPbits.
● Transmitsthemessageattheconfiguredbaudrateof
0.5Mbps, 1Mbps, or 2Mbps.
● Framesthemessagewiththerequiredstopcharacter
at the end of the message.
These automatic functions can be disabled by enabling
the following special transmit modes:
● Transmit No Preamble mode (eliminates preamble
characters)
● TransmitNoStopmode(eliminatesstopcharacters)
● Transmit Raw Data mode (transmits data with no
Manchester encoding)
● Receive Raw Data mode (receives data as not
Manchester encoded)
Preamble Character
The preamble is a framing character that the UART
generates to signal the beginning of a message. It is
transmittedasanunencoded15h,butisstillaDC-balanced
character.Ifanybit(s)otherthantheSTOPbitsdeviate
from the unique preamble sequence, the character is
not interpreted as a valid preamble, but rather as a data
character.
Figure 7. UART Timing for a Preamble
OPTIONAL
IDLE
S
1
0
1
0
1
0
0
0
E = 1
P
P
IDLE
DISABLE
OPTIONAL
IDLE
IDLE
ENABLE
Maxim Integrated │ 10
MAX17841B
Automotive SPI Communication Interface (ASCI)
www.maximintegrated.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com