Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17841BGUE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX17841BGUE
Description  Automotive SPI Communication Interface (ASCI)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17841BGUE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX17841BGUE Datasheet HTML 1Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 2Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 3Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 4Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 5Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 6Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 7Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 8Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
19-6790; Rev 2; 1/15
Ordering Information appears at end of data sheet.
General Description
The MAX17841B ASCI combines an SPI port with
a universal asynchronous receiver transmitter (UART)
specially designed to interface with Maxim battery
management devices.
The UART can be configured to automatically
performManchesterencoding/decoding,messageframing,
parity, wake-up, and keep-alive signaling as required for
Maxim’s battery management UART protocol.
The UART has programmable baud rates of 0.5Mbps,
1Mbps, or 2Mbps and supports either single-ended or
differential signaling. For host efficiency, the UART
contains a 28-byte transmit buffer and a 62-byte receive
buffer with host-configurable interrupt events.
Applications
● BatteryManagementSystems(BMS)
● ElectricandHybridVehicles(EV/HEV)
● EnergyStorageSystems(ESS)
Benefits and Features
● SupportsMaxim’sBatteryManagementUART
Protocol
● SPIInterfaceUpto4MHz
● UARTBaudRateProgrammableUpto2Mbps
● 3.3Vor5VOperation
● Ultra-LowQuiescentCurrent
● TransmitandReceiveBufferswithProgrammable
InterruptsAllowforQueuingofUARTMessages
● ManchesterEncoderandDecoderReducesHost
Controller Burden
● OperatingTemperatureRangefrom-40°Cto+105°C
(AEC-Q100Type2)
● SupportsASILRequirements
Simplified Operating Circuit
VAA
VCC
VCC
1µF
VAA
1µF
15pF
ISOLATORS
MAX17841B
TXPL
MAX178xx
BATTERY
MANAGEMENT
DEVICE
TXNL
VDDL
GNDL
RXP
0.1µF
DCIN
AGND
DOUT
DIN
SCLK
VAA
5V DC
SUPPLY
100kΩ
MISO
MOSI
SCLK
SS
VCC
100kΩ
1.5kΩ
100Ω
0.01µF
CS
INT
SHDN
IRQ
GPIO
SYSTEM
µP
15pF
RXN
1.5kΩ
RXPL
RXNL
TXP
47Ω
TXN
47Ω
SLAVE(S)
MASTER
MAX17841B
Automotive SPI Communication Interface (ASCI)
EVALUATION KIT AVAILABLE


Similar Part No. - MAX17841BGUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17841B MAXIM-MAX17841B Datasheet
358Kb / 2P
Ensures Safe Operation of Li-Ion Battery Packs While Reducing System Cost
Rev. 0; January 2014
More results

Similar Description - MAX17841BGUE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP82C51A TOSHIBA-TMP82C51A Datasheet
736Kb / 36P
PROGRAMMABLE COMMUNICATION INTERFACE
logo
InnovASIC, Inc
IA8251 INNOVASIC-IA8251 Datasheet
45Kb / 4P
Programmable Communication Interface
logo
Intel Corporation
8251A INTEL-8251A Datasheet
785Kb / 25P
PROGRAMMABLE COMMUNICATION INTERFACE
logo
Toshiba Semiconductor
TMP8251AP TOSHIBA-TMP8251AP Datasheet
232Kb / 18P
ROGRAMMABL COMMUNICATION INTERFACE
logo
National Semiconductor ...
INS8251 NSC-INS8251 Datasheet
258Kb / 8P
PROGRAMMABLE COMMUNICATION INTERFACE
logo
Linear Dimensions Semic...
DC2159A LINEAR_DIMENSIONS-DC2159A Datasheet
420Kb / 6P
FMC Communication Interface
logo
ams AG
AS3693C-9 AMSCO-AS3693C-9 Datasheet
1Mb / 30P
SPI interface
logo
Nuvoton Technology Corp...
W55P241 NUVOTON-W55P241 Datasheet
871Kb / 32P
4 SPI pins for communication
logo
Texas Instruments
BQ79600-Q1 TI1-BQ79600-Q1 Datasheet
283Kb / 7P
BQ79600-Q1 ASIL-D Compliant Automotive SPI/UART Communication Interface With Automatic Host Wakeup
BQ79600-Q1 TI-BQ79600-Q1_V01 Datasheet
4Mb / 71P
BQ79600-Q1 Automotive SPI/UART Communication Interface Functional-Safety Compliant With Automatic Host Wakeup
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com