Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17841BGUE Datasheet(PDF) 31 Page - Maxim Integrated Products

Part # MAX17841BGUE
Description  Automotive SPI Communication Interface (ASCI)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17841BGUE Datasheet(HTML) 31 Page - Maxim Integrated Products

Back Button MAX17841BGUE Datasheet HTML 25Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 26Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 27Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 28Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 29Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 30Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 31Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 32Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 33Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
Note 1: A status bit is set when its corresponding condition is true and is cleared when the condition is false.
Note 2: Aninterruptflag(exceptthePOR_Flag)issetonlywhenitsinterruptenablebitistrueanditscorrespondingstatusbitgoes
fromalogiczerostatetologiconestate.Theflagcanonlybeclearedbywritingittoalogiczero.Ifthestatusbitistrue
when the flag enable is set or when the flag is cleared, the flag remains cleared until the status bit transitions from a logic
zerostatetoalogiconestate.
Note 3: Ifanyinterruptflag(exceptthePOR_Flag)isset,thentheINT pin is asserted (active low).
Register Table (continued)
RX_BYTE REGISTER
ADDRESS
BITS
DEFAULT
NAME
DESCRIPTION
0x19 (Read)
7:3
00000
Reserved
Alwaysreadslogiczero.
2
0
First_Byte
ThebyteatlocationRX_RD_Pointeristhefirstdata
byte in a message (the corresponding character was
preceded by preamble character).
1
0
Byte_Error
ThebyteatlocationRX_RD_Pointermaycontain
an error (the corresponding character contained a
Manchester and/or parity error). This bit drives the
RX_Errorinterrupt.
0
0
Last_Byte
ThebyteatlocationRX_RD_Pointeristhelastbytein
a message (the corresponding character was a stop
character and was stored as a null byte).
RX_SPACE REGISTER
0x1B (Read)
7:0
00111110
RX_Space[7:0]
Numberofavailablebytesinthereceivebuffer.
Defaultis62bytes(3Eh).
TX_QUEUE_SELECTS REGISTER
0x95 (Read)
7:4
0000
Reserved
Alwaysreadslogiczero.
3:2
00
TX_Q[1:0]
TransmitQueueSelect:Addressesoneoffour
queuesinthetransmitbufferthattheUARThas
selected for message transmission (sending).
1:0
00
LD_Q[1:0]
LoadQueueSelect:Addressesoneoffourqueues
inthetransmitbufferthatthehosthasselectedfor
message loading (writing).
RX_READ_POINTER REGISTER
0x97 (Read)
7:0
00h
RX_RD_Pointer[7:0]
ReceiveBufferReadPointer:Thelocationinthe
receivebufferthatthehostistoread.TheUART
automatically increments this pointer.
RX_WRITE_POINTER REGISTER
0x99 (Read)
7:0
01h
RX_WR_Pointer[7:0]
ReceiveBufferWritePointer:Thelocationinthe
receivebufferthatiswrittenbytheUARTasit
receives data.
RX_NEXT_MESSAGE REGISTER
0x9B (Read)
7:0
00h
RX_NXT_MSG_
Pointer[7:0]
ReceiveBufferNextMessagePointer:Thestartof
thenextunreadmessageinthereceivebuffer.The
RX_RD_Pointerisloadedwiththisvaluebythe
RD_NXT_MSGSPItransaction.
Maxim Integrated │ 31
MAX17841B
Automotive SPI Communication Interface (ASCI)
www.maximintegrated.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com