Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17841BGUE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX17841BGUE
Description  Automotive SPI Communication Interface (ASCI)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17841BGUE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX17841BGUE Datasheet HTML 1Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 2Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 3Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 4Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 5Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 6Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 7Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 8Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
DCINtoAGND ........................................................-0.3Vto+6V
VAAtoAGND...........................................................-0.3Vto+4V
VDDLtoGNDL.........................................................-0.3Vto+4V
AGNDtoGNDL......................................................-0.3Vto+0.3V
TXP,TXNtoGNDL................................. -0.3Vto(VDDL+0.3V)
DOUTtoGNDL .....................................-0.3Vto(VDCIN+0.3V)
CTGtoAGND............................................................-0.3Vto+8V
SHDN
toAGND.....................................-0.3Vto(VDCIN+0.3V)
CS
,DIN,SCLK,INTtoGNDL.................................-0.3Vto+6V
RXP,RXNtoGNDL................................................-30Vto+30V
Maximum Continuous Current into Any Pin .......................20mA
MaximumAveragePowerforESDDiodes(Note1) .... 14.4/√τW
ContinuousPowerDissipation
OnMultilayerBoard(TA=+70°C)
16TSSOP(derate11.1mW/ºCabove+70ºC).............889mW
OperatingTemperatureRange......................... -40°Cto+105°C
Storage Temperature Range............................ -55°Cto+150°C
Junction Temperature (Continuous) ................................+150°C
SolderingLeadTemperaturefor10s...............................+300°C
Note 1: Average power for time period τ where τ is the time constant (in µs) of the transient diode current during a hot-plug event.
For, example, if τis330µs,themaximumaveragepoweris0.793W.Peakcurrentmustneverexceed2A.Actualaverage
power during hot-plug must be calculated from the diode current waveform for the application circuit and compared to the
maximum rating.
(VDCIN=5V,VAA = VDDL=3.3V,TA = TMIN to TMAX, unless otherwise noted, where TMIN=-40°CandTMAX=+105°C.Typicalvalues
are at TA=+25°C.Operationiswiththerecommendedapplicationcircuit.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER REQUIREMENTS
SupplyVoltage
VDCIN
VDCIN=VAA=VDDL=3.3Vnominal
3.1
3.3
3.5
V
VDCIN=5Vnominal;VAA=VDDL
4.5
5.0
5.5
Supply Current
ISHUTDOWN VSHDN=0V
VDCIN=VAA=3.3V
4
10
µA
VDCIN=5V
1
10
ISTANDBY SHDN high, fSCLK = 0, fUART = 0
1.0
2.3
5.0
mA
IACTIVE
ContinuousSPIwritesat4MHz,50pF
TXPload,50pFTXNload,fUART =
2Mbps, Transmit Preambles mode
1.0
4
6
REGULATOR
OutputVoltage
VAA
0mA < IVAA< 10mA,
4.5V<VDCIN<5.5V
3.13
3.30
3.46
V
Short-Circuit Current
IAASC
VAA =AGND
13.0
26.0
120.0
mA
PORThreshold
VAARESET VAA falling
2.8
2.9
3.0
V
VAAVALID
VAA rising
2.9
3.0
3.1
PORHysteresis
VAAHYS
40.0
100
mV
LOGIC INPUTS (SHDN, CS, DIN, SCLK)
Pulldown Resistance (CS)
RCS
VCS=5V
5.5
12
28.8
Pulldown Resistance (SHDN)
RSHDN
VSHDN=5V
0.75
1.5
3.0
InputLeakageCurrent(DIN,
SCLK)
ILKG
VDIN,VSCLK=0V
-1.0
+1.0
µA
InputLowThreshold
VIL
0.3xVDCIN
V
InputHighThreshold
VIH
0.7xVDCIN
V
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Electrical Characteristics
Maxim Integrated │ 2
MAX17841B
Automotive SPI Communication Interface (ASCI)
www.maximintegrated.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com