Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17841BGUE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX17841BGUE
Description  Automotive SPI Communication Interface (ASCI)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17841BGUE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX17841BGUE Datasheet HTML 1Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 2Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 3Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 4Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 5Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 6Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 7Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 8Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
(VDCIN=5V,VAA = VDDL=3.3V,TA = TMIN to TMAX, unless otherwise noted, where TMIN=-40°CandTMAX=+105°C.Typicalvalues
are at TA=+25°C.Operationiswiththerecommendedapplicationcircuit.)
Note 2: Differentialsignal(VRXP-VRXN)whereVRXP,VRXNdonotexceedacommon-modevoltagerangeof±25V.
Note 3: All parameters measured based on differential signal.
Note 4: Guaranteedbydesignandnotproductiontested.
Note 5: Fall time measured 90% to 10%, rise time measured 10% to 90%.
Note 6: Measuredfromfallingedgeof8thSCLKcycleoftheWR_NXT_LD_QSPIcommandbyte(B0h).
Note 7: tPROP is the maximum propagation delay through a slave device in a given direction. Refer to the UART slave device data
sheet for the actual delay. The number of UART slave devices is denoted by n.
Note 8: Measured from end of 12th bit of stop character.
Note 9: Parameter tREGWRis the minimum amount of time needed to write a register in the nth slave device of the daisy-chain. It is
measuredfromthestartoftheSPItransactionWR_NXT_LD_Q(B0h)thatinitiatestransmissionofaWRITEALLmessage
towhenthenthdevicereceivesavalidWRITEALLmessage.Forexample,for4MHzSPIfrequency,2MbpsUARTbaud
rate, n = 10 and tPROP=3xtBIT, tREGWR=2μs+65μs+15μs=82μs.
Note 10:Computation of tREGWR consists of three terms: 1) duration of the SPI transaction, 2) partial duration of the UART
message,and3)propagationdelayoftheUARTmessage.ThefirsttermequalsthenumberofbitsintheSPItransaction
(8) x the SPI bit time (1 / fSCLK).ThesecondtermequalsthetimefromthestartoftheWRITEALLmessagetothefirst
STOPbitofthelastPECnibble.ThelastPECnibbleisthe11thcharacterinthemessage.Witheachcharacterlasting12
UARTbittimes,thereare11x12=132bittimesfromthestartofthemessagetotheendofthelastPECnibble.Sincethe
writeoccursjustbeforethetwoSTOPbitsofthe11thcharacter,thetermisactually130xtBIT. The third term is the propa-
gationdelayrequiredfortheWRITEALLmessagetogettothenthdevice.
Figure 1. SPI Timing Diagram (Example of Reading Register 0x1B with Data 80h and Transaction Terminated Prematurely)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TxValidtoRxValidUpStack
Delay(Note7)
tRXUP
n x
tPROP
TxValidtoRxValidDownStack
Delay(Note7)
tRXDN
n x
tPROP
EndofSTOPCharacterto
RX_Stop_INTFlagTrue
(Note8)
tINT
2 x tBIT
SPI START to UART Slave
DeviceRegisterWriteDelay
(Notes9,10)
tREGWR
8 / fSCLK+
130xtBIT+
n x tPROP
Electrical Characteristics (continued)
1
2
3
4
5
6
7
8
9
10
tCSSO
tCH
tDS
tDH
tDO
tCL
tCSWH
CS
SCLK
DIN
DOUT
Maxim Integrated │ 5
MAX17841B
Automotive SPI Communication Interface (ASCI)
www.maximintegrated.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com