Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17841BGUE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX17841BGUE
Description  Automotive SPI Communication Interface (ASCI)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17841BGUE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX17841BGUE Datasheet HTML 5Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 6Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 7Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 8Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 9Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 10Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 11Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 12Page - Maxim Integrated Products MAX17841BGUE Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
nate the transaction (single-byte transaction), continue to
clock data out (write transaction), or start clocking data in
(readtransaction).However,itdoesnotsendandreceive
data at the same time (half-duplex operation).
Register Transactions
For register transactions, the host first sends a single-byte
register address. Register addresses are either read-only
(odd addresses) or write-only (even addresses). For a
read transaction, the second byte is the read data sent by
the ASCI to the host. For a write transaction, the second
byte is the write data sent by the host to the ASCI. Multiple
data bytes are allowed as long as CS remains active-
low—the ASCI automatically selects the next read-only
register address (for reads) or the next write-only address
(for writes). The SPI transaction is terminated when the
host drives CS high.
Buffer Transactions
Buffer transactions can consist of only a command byte,
a command byte followed by one or more read bytes, or
a command byte followed by one or more write bytes. All
allowed transactions are specified in Table 9.
SPI Timing
TheASCIisonlycompatiblewithSPImode0(CPOL=
0/CPHA=0).Inthismode,dataisalwaysdrivenonthe
fallingedgeofSCLKandisalwayssampledontherising
edgeofSCLK.
Forreads,theASCIstartsdrivingDOUTonthefirstfall-
ing edge of SCLK immediately after theASCI samples
the least-significant bit (LSB) of the command/address
byte.DINisa“don’tcare”whilereading.Readsattempted
beyondtheaddressspacereturnzero.
For writes, registers are written on the falling edge of
SCLK,afterthelastbitissampled.However,ifCS goes
highbeforethelastbit’sfallingedgeofSCLK,thatregister
is not written.
UART Interface
Slave devices that use Maxim’s battery management
UART protocol can be connected in daisy-chain fashion to
manage a multiple battery-cell stack. In a BMS, or Battery
Management System, the BMS controller is the host for
all slave devices and initiates all communication. The data
flow always starts from the host, goes up the daisy-chain
and back down to the host as represented in Figure 6.
Table 2. SPI Communication Summary
Figure 6. System Data Flow
PARAMETER
VALUE
Communication Mode
Half-duplex
Maximum Clock Frequency
4MHz
BitOrder
Most-significantbitfirst
ClockPolarity(CPOL)
0 (leading clock edge is
rising edge)
ClockPhase(CPHA)
0 (data sampled on leading
clock edge)
CHOOSE
INTERNAL OR
EXTERNAL
LOOPBACK
RXUP RXUN
TXUP TXUN
TXLP TXLN
RXLP RXLN
DEVICE (n)
RXUP RXUN
TXUP TXUN
TXLP TXLN
RXLP RXLN
DEVICE (n-1)
RXUP RXUN
TXUP TXUN
TXLP TXLN
RXLP RXLN
DEVICE 1
BMS
ISOLATION
MAX17841B
µC
BATTERY
PACK n
BATTERY
PACK (n - 1)
BATTERY
PACK 1
OPTIONAL
SERVICE
DISCONNECT
Maxim Integrated │ 9
MAX17841B
Automotive SPI Communication Interface (ASCI)
www.maximintegrated.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com