Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIS2IH Datasheet(PDF) 13 Page - STMicroelectronics

Part # AIS2IH
Description  MEMS digital output motion sensor: high-performance 3-axis accelerometer for automobile applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS2IH Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AIS2IH Datasheet HTML 9Page - STMicroelectronics AIS2IH Datasheet HTML 10Page - STMicroelectronics AIS2IH Datasheet HTML 11Page - STMicroelectronics AIS2IH Datasheet HTML 12Page - STMicroelectronics AIS2IH Datasheet HTML 13Page - STMicroelectronics AIS2IH Datasheet HTML 14Page - STMicroelectronics AIS2IH Datasheet HTML 15Page - STMicroelectronics AIS2IH Datasheet HTML 16Page - STMicroelectronics AIS2IH Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
3.2
Functionality
3.2.1
Operating modes
Two sets of operating modes have been designed to offer the customer a broad choice of noise/power
consumption combinations:
•
Low-noise disabled (see Table 9)
•
Low-noise enabled (see Table 10)
Writing the LOW_NOISE bit in CTRL6 (25h) selects the operating mode (low-noise).
From each of these two sets, five operating modes have been designed:
•
1 High-Performance Mode: focus on low noise
•
4 Low-Power Modes: trade-off between noise and power consumption
These operating modes are selected by writing the MODE[1:0] and LP_MODE[1:0] bits in CTRL1 (20h).
Table 9. Operating modes - low-noise setting disabled
Parameter
High-Performance
Mode
Low-Power
Mode 4
Low-Power
Mode 3
Low-Power
Mode 2
Low-Power
Mode 1
Resolution [bit]
14-bit
14-bit
14-bit
14-bit
12-bit
ODR [Hz]
12.5 - 1600
1.6 - 200
1.6 - 200
1.6 - 200
1.6 - 200
BW [Hz]
ODR/2 (N/A for
1600 Hz),
ODR/4, ODR/10,
ODR/20
180
ODR/4,
ODR/10,
ODR/20
360
ODR/4,
ODR/10,
ODR/20
720
ODR/4,
ODR/10,
ODR/20
3200
ODR/4,
ODR/10,
ODR/20
Typ. noise density [µg/√Hz](1)
@ FS = ±2 g, ODR = 200 Hz
110
-
-
-
-
Typ. RMS noise [mg(RMS)](1)
@ FS = ±2 g
-
1.6
2.1
3
5.5
Typ. current consumption [µA]
@ Vdd = 1.8 V(1)
ODR = 1.6 Hz
-
0.65
0.55
0.45
0.38
ODR = 12.5 Hz
90
4
2.5
1.6
1
ODR = 25 Hz
90
8.5
4.5
3
1.5
ODR = 50 Hz
90
16
9
5.5
3
ODR = 100 Hz
90
32
17.5
10.5
5
ODR = 200 Hz
90
63
34.5
20.5
10
ODR = 400, 800, 1600 Hz
90
-
-
-
-
Typ. current consumption [µA]
@ Vdd = 3 V(1)
ODR = 1.6 Hz
-
1.3
0.95
0.75
0.67
ODR = 12.5 Hz
110
5.3
3
2
1.3
ODR = 25 Hz
110
10.5
6
3.8
2.1
ODR = 50 Hz
110
20.5
11.5
7
3.7
ODR = 100 Hz
110
40
22
13.5
6.5
ODR = 200 Hz
110
80
44
26
12.5
ODR = 400, 800, 1600 Hz
110
-
-
-
-
1. Typical values, verified at characterization level @ T = 25 °C, not guaranteed.
AIS2IH
Functionality
DS12421 - Rev 4
page 13/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com