Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIS2IH Datasheet(PDF) 35 Page - STMicroelectronics

Part # AIS2IH
Description  MEMS digital output motion sensor: high-performance 3-axis accelerometer for automobile applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS2IH Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AIS2IH Datasheet HTML 31Page - STMicroelectronics AIS2IH Datasheet HTML 32Page - STMicroelectronics AIS2IH Datasheet HTML 33Page - STMicroelectronics AIS2IH Datasheet HTML 34Page - STMicroelectronics AIS2IH Datasheet HTML 35Page - STMicroelectronics AIS2IH Datasheet HTML 36Page - STMicroelectronics AIS2IH Datasheet HTML 37Page - STMicroelectronics AIS2IH Datasheet HTML 38Page - STMicroelectronics AIS2IH Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 63 page
background image
8.5
CTRL2 (21h)
Control register 2 (r/w)
Table 31. Control register 2
BOOT
SOFT_
RESET
0(1)
CS_PU_
DISC
BDU
IF_ADD_ INC
I2C_
DISABLE
SIM
1. This bit must be set to ‘0’ for the correct operation of the device.
BOOT
Boot enables retrieving the correct trimming parameters from nonvolatile memory into registers where
trimming parameters are stored.
Once the operation is over, this bit automatically returns to 0.
Default value: 0 (0: disabled; 1: enabled)
SOFT_RESET
Soft reset acts as reset for all control registers, then goes to 0.
Default value: 0 (0: disabled; 1: enabled)
CS_PU_DISC
Disconnect CS pull-up. Default value: 0
(0: pull-up connected to CS pin;
1: pull-up disconnected to CS pin)
BDU
Block data update. Default value: 0
(0: continuous update; 1: output registers not updated until MSB and LSB read)
IF_ADD_INC
Register address automatically incremented during multiple byte access with a serial interface (I²C or SPI).
Default value: 1 (0: disabled; 1: enabled)
I2C_DISABLE
Disable I²C communication protocol. Default value: 0
(0: SPI and I²C interfaces enabled; 1: I²C mode disabled)
SIM
SPI serial interface mode selection. Default value: 0
0: 4-wire interface; 1: 3-wire interface
The BDU bit is used to inhibit the update of the output registers until both upper and lower register parts are
read. In default mode (BDU = ‘0’) the output register values are updated continuously. When the BDU is activated
(BDU = ‘1’), the content of the output registers is not updated until both MSB and LSB are read which avoids
reading values related to different sample times.
AIS2IH
CTRL2 (21h)
DS12421 - Rev 4
page 35/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com