Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIS2IH Datasheet(PDF) 17 Page - STMicroelectronics

Part # AIS2IH
Description  MEMS digital output motion sensor: high-performance 3-axis accelerometer for automobile applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS2IH Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AIS2IH Datasheet HTML 13Page - STMicroelectronics AIS2IH Datasheet HTML 14Page - STMicroelectronics AIS2IH Datasheet HTML 15Page - STMicroelectronics AIS2IH Datasheet HTML 16Page - STMicroelectronics AIS2IH Datasheet HTML 17Page - STMicroelectronics AIS2IH Datasheet HTML 18Page - STMicroelectronics AIS2IH Datasheet HTML 19Page - STMicroelectronics AIS2IH Datasheet HTML 20Page - STMicroelectronics AIS2IH Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 63 page
background image
The AIS2IH features a data-ready signal which indicates when a new set of measured acceleration data is
available, thus simplifying data synchronization in the digital system that uses the device.
3.5
Factory calibration
The IC interface is factory-calibrated for sensitivity (So) and Zero-g level offset.
The trim values are stored inside the device in nonvolatile memory. Any time the device is turned on, the trimming
parameters are downloaded into the registers to be used during active operation. This allows using the device
without further calibration. If an accidental write occurs in the registers where trimming parameters are stored, the
BOOT bit in CTRL2 (21h) can help to retrieve the correct trimming parameters from nonvolatile memory without
the need to switch on/off the device. This bit is automatically reset at the end of the download operation. Setting
this bit has no impact on the control registers.
3.6
Temperature sensor
The temperature is available in OUT_T_L (0Dh), OUT_T_H (0Eh) stored as two's complement data, left-justified
in 12-bit mode and in OUT_T (26h) stored as two's complement data, left-justified in 8-bit mode.
Refer to Table 5. Temperature sensor characteristics for the conversion factor.
AIS2IH
Factory calibration
DS12421 - Rev 4
page 17/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com