Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIS2IH Datasheet(PDF) 31 Page - STMicroelectronics

Part # AIS2IH
Description  MEMS digital output motion sensor: high-performance 3-axis accelerometer for automobile applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS2IH Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AIS2IH Datasheet HTML 27Page - STMicroelectronics AIS2IH Datasheet HTML 28Page - STMicroelectronics AIS2IH Datasheet HTML 29Page - STMicroelectronics AIS2IH Datasheet HTML 30Page - STMicroelectronics AIS2IH Datasheet HTML 31Page - STMicroelectronics AIS2IH Datasheet HTML 32Page - STMicroelectronics AIS2IH Datasheet HTML 33Page - STMicroelectronics AIS2IH Datasheet HTML 34Page - STMicroelectronics AIS2IH Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 63 page
background image
7
Register mapping
The table given below provides a list of the 8-bit registers embedded in the device and the corresponding
addresses.
Table 20. Register map
Name
Type(1)
Register address
Default
Comment
Hex
Binary
OUT_T_L
R
0D
00001101
00000000
Temp sensor output
OUT_T_H
R
0E
00001110
00000000
WHO_AM_I
R
0F
00001111
01000100
Who am I ID
RESERVED
-
10-1F
-
RESERVED
CTRL1
R/W
20
00100000
00000000
Control registers
CTRL2
R/W
21
00100001
00000100
CTRL3
R/W
22
00100010
00000000
CTRL4_INT1_PAD_CTRL
R/W
23
00100011
00000000
CTRL5_INT2_PAD_CTRL
R/W
24
00100100
00000000
CTRL6
R/W
25
00100101
00000000
OUT_T
R
26
00100110
00000000
Temp sensor output
STATUS
R
27
00100111
00000000
Status data register
OUT_X_L
R
28
00101000
00000000
Output registers
OUT_X_H
R
29
00101001
00000000
OUT_Y_L
R
2A
00101010
00000000
OUT_Y_H
R
2B
00101011
00000000
OUT_Z_L
R
2C
00101100
00000000
OUT_Z_H
R
2D
00101101
00000000
FIFO_CTRL
R/W
2E
00101110
00000000
FIFO control register
FIFO_SAMPLES
R
2F
00101111
00000000
Unread samples stored in FIFO
TAP_THS_X
R/W
30
00110000
00000000
Tap thresholds
TAP_THS_Y
R/W
31
00110001
00000000
TAP_THS_Z
R/W
32
00110010
00000000
INT_DUR
R/W
33
00110011
00000000
Interrupt duration
WAKE_UP_THS
R/W
34
00110100
00000000
Tap/double-tap selection,
inactivity enable,
wakeup threshold
WAKE_UP_DUR
R/W
35
00110101
00000000
Wakeup duration
FREE_FALL
R/W
36
00110110
00000000
Free-fall configuration
STATUS_DUP
R
37
00110111
00000000
Status register
WAKE_UP_SRC
R
38
00111000
00000000
Wakeup source
TAP_SRC
R
39
00111001
00000000
Tap source
SIXD_SRC
R
3A
00111010
00000000
6D source
AIS2IH
Register mapping
DS12421 - Rev 4
page 31/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com