Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIS2IH Datasheet(PDF) 18 Page - STMicroelectronics

Part # AIS2IH
Description  MEMS digital output motion sensor: high-performance 3-axis accelerometer for automobile applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS2IH Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AIS2IH Datasheet HTML 14Page - STMicroelectronics AIS2IH Datasheet HTML 15Page - STMicroelectronics AIS2IH Datasheet HTML 16Page - STMicroelectronics AIS2IH Datasheet HTML 17Page - STMicroelectronics AIS2IH Datasheet HTML 18Page - STMicroelectronics AIS2IH Datasheet HTML 19Page - STMicroelectronics AIS2IH Datasheet HTML 20Page - STMicroelectronics AIS2IH Datasheet HTML 21Page - STMicroelectronics AIS2IH Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 63 page
background image
4
Application hints
Figure 6. AIS2IH electrical connections (top view)
SDA/SDI/SDO
SCL/SPC
10µF
100nF
GND
SDO/SA0
AIS2IH
HOST
I2C / SPI (3/4-w)
SCL
SDA
Vdd_IO
Rpu
Rpu
Pull-up to be added
Rpu=10kOhm
I2C configuration
1
2
11
10
12
5
6
7
3
4
9
8
Vdd_IO
Vdd_IO
100nF
GND
VDD
Vdd
RES
GND
CS
The device core is supplied through the Vdd line while the I/O pads are supplied through the Vdd_IO line. Power
supply decoupling capacitors (100 nF ceramic, 10 µF aluminum) should be placed as near as possible to pin 9 of
the device (common design practice).
All the voltage and ground supplies must be present at the same time to have proper behavior of the IC (refer to
Figure 6). It is possible to remove Vdd while maintaining Vdd_IO without blocking the communication bus, in this
condition the measurement chain is powered off.
The functionality of the device and the measured acceleration data are selectable and accessible through the I²C
or SPI interfaces. When using the I²C, CS must be tied high (i.e. connected to Vdd_IO).
The functions, the threshold and the timing of the two interrupt pins (INT1 and INT2) can be completely
programmed by the user through the I²C /SPI interface.
AIS2IH
Application hints
DS12421 - Rev 4
page 18/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com