Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIS2IH Datasheet(PDF) 36 Page - STMicroelectronics

Part # AIS2IH
Description  MEMS digital output motion sensor: high-performance 3-axis accelerometer for automobile applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS2IH Datasheet(HTML) 36 Page - STMicroelectronics

Back Button AIS2IH Datasheet HTML 32Page - STMicroelectronics AIS2IH Datasheet HTML 33Page - STMicroelectronics AIS2IH Datasheet HTML 34Page - STMicroelectronics AIS2IH Datasheet HTML 35Page - STMicroelectronics AIS2IH Datasheet HTML 36Page - STMicroelectronics AIS2IH Datasheet HTML 37Page - STMicroelectronics AIS2IH Datasheet HTML 38Page - STMicroelectronics AIS2IH Datasheet HTML 39Page - STMicroelectronics AIS2IH Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 63 page
background image
8.6
CTRL3 (22h)
Control register 3 (r/w)
Table 32. Control register 3
ST2
ST1
PP_OD
LIR
H_LACTIVE
0
SLP_
MODE_SEL
SLP_
MODE_1
Table 33. Control register 3 description
ST[2:1]
Self-test enable. Default value: 00
(00: Self-test disabled; Other: see Table 34)
PP_OD
Push-pull/open-drain selection on interrupt pad. Default value: 0
(0: push-pull; 1: open-drain)
LIR
Latched Interrupt. Switches between latched ('1'-logic) and pulsed ('0'-logic) mode for function source
signals and interrupts routed to pins (wakeup, single/double-tap). Default value: 0
(0: interrupt request not latched; 1: interrupt request latched)
H_LACTIVE
Interrupt active high, low. Default value: 0
(0: active high; 1: active low)
SLP_MODE_SEL
Single data conversion on-demand mode selection:
0: enabled with external trigger on INT2;
1: enabled by I²C/SPI writing SLP_MODE_1 to 1.
SLP_MODE_1
Single data conversion on-demand mode enable. When SLP_MODE_SEL = '1' and this bit is set to '1'
logic, single data conversion on-demand mode starts. When XL data are available in the registers, this bit
is set to '0' automatically and the device is ready for another triggered session.
Table 34. Self-test mode selection
ST2
ST1
Self-test mode
0
0
Normal mode
0
1
Positive sign self-test
1
0
Negative sign self-test
1
1
-
AIS2IH
CTRL3 (22h)
DS12421 - Rev 4
page 36/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com