Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIS2IH Datasheet(PDF) 23 Page - STMicroelectronics

Part # AIS2IH
Description  MEMS digital output motion sensor: high-performance 3-axis accelerometer for automobile applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS2IH Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AIS2IH Datasheet HTML 19Page - STMicroelectronics AIS2IH Datasheet HTML 20Page - STMicroelectronics AIS2IH Datasheet HTML 21Page - STMicroelectronics AIS2IH Datasheet HTML 22Page - STMicroelectronics AIS2IH Datasheet HTML 23Page - STMicroelectronics AIS2IH Datasheet HTML 24Page - STMicroelectronics AIS2IH Datasheet HTML 25Page - STMicroelectronics AIS2IH Datasheet HTML 26Page - STMicroelectronics AIS2IH Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 63 page
background image
5.3.3
Continuous mode
Continuous mode (FIFO_CTRL (2Eh)(FMode[2:0] = 110) provides a continuous FIFO update: when 32 unread
samples are stored in memory, as new data arrives the oldest data is discarded and overwritten by the newer.
A FIFO threshold flag FIFO_SAMPLES (2Fh)(FIFO_FTH) is asserted when the number of unread samples in
FIFO is greater than or equal to (FIFO_CTRL (2Eh)FTH[4:0]).
It is possible to route FIFO_SAMPLES (2Fh)(FTH) to the INT1 pin by writing the INT1_FTH bit to '1' in
register CTRL4_INT1_PAD_CTRL (23h) or to the INT2 pin by writing the INT2_FTH bit to '1' in register
CTRL5_INT2_PAD_CTRL (24h).
If an overrun occurs, the oldest sample in FIFO is overwritten and the FIFO_OVR flag in FIFO_SAMPLES (2Fh) is
asserted.
In order to empty the FIFO before it is full, it is also possible to pull from FIFO the number of unread samples
available in FIFO_SAMPLES (2Fh)(Diff[5:0]).
5.3.4
Continuous-to-FIFO mode
In Continuous-to-FIFO mode FIFO_CTRL (2Eh)(FMode[2:0] = 011), FIFO operates in Continuous mode and FIFO
mode starts upon an internal trigger event. When the FIFO is full, data collecting is stopped. The trigger could be
a wake-up, free-fall, 6D interrupt event or any combination of these events, but every interrupt has to be routed on
the corresponding pad to be used as a trigger.
Figure 8. Continuous-to-FIFO mode
x0
y
z0
y0
x1
y1
z1
x2
y2
z2
x31
y31
z31
xi,yi,zi
Continuous Mode
FIFO Mode
Trigger event
x0
y0
z0
x1
y1
z1
x2
y2
z2
x31
y31
z31
xi,yi,zi
x30
y30
z30
Figure 9. Trigger event to FIFO for Continuous-to-FIFO mode
AIS2IH
FIFO
DS12421 - Rev 4
page 23/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com