Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIS2IH Datasheet(PDF) 16 Page - STMicroelectronics

Part # AIS2IH
Description  MEMS digital output motion sensor: high-performance 3-axis accelerometer for automobile applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS2IH Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AIS2IH Datasheet HTML 12Page - STMicroelectronics AIS2IH Datasheet HTML 13Page - STMicroelectronics AIS2IH Datasheet HTML 14Page - STMicroelectronics AIS2IH Datasheet HTML 15Page - STMicroelectronics AIS2IH Datasheet HTML 16Page - STMicroelectronics AIS2IH Datasheet HTML 17Page - STMicroelectronics AIS2IH Datasheet HTML 18Page - STMicroelectronics AIS2IH Datasheet HTML 19Page - STMicroelectronics AIS2IH Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 63 page
background image
3.2.4
Activity/Inactivity, stationary/motion detection functions
The activity/inactivity function recognizes the device’s sleep state and allows reducing system power
consumption.
When the activity/inactivity function is activated by setting the SLEEP_ON bit in WAKE_UP_THS (34h), the
AIS2IH automatically goes to 12.5 Hz ODR in the low-power mode previously selected by the LP_MODE[1:0] bits
in CTRL1 (20h) if the sleep state condition is detected and wakes up as soon as the interrupt event has been
detected, increasing the output data rate and bandwidth.
With this feature the system may be efficiently switched from low-power mode to full performance depending on
user-selectable positioning and acceleration events, thus ensuring power saving and flexibility.
The stationary/motion detection function only recognizes the device’s sleep state.
When the stationary/motion detection function is activated by setting the STATIONARY bit in WAKE_UP_DUR
(35h), the AIS2IH detects acceleration below a fixed threshold but does not change either ODR or operating
mode (High-Performance mode or Low-Power mode) after sleep state detection.
The Activity/Inactivity recognition and stationary/motion detection functions are activated by writing the desired
threshold in the WAKE_UP_THS (34h) register. The high-pass filter is automatically enabled.
If the device is in sleep (inactivity/stationary) mode, when at least one of the axes exceeds the threshold in
WAKE_UP_THS (34h), the device goes into a sleep-to-wake state (as wake-up).
For the activity/inactivity function, the device, in a wake-up state, will return to the operating mode (HP or LP) and
ODR before sleep state detection.
Activity/Inactivity, stationary/motion detection threshold and duration can be configured in the following control
registers:
WAKE_UP_THS (34h)
WAKE_UP_DUR (35h)
3.2.5
High tap/double-tap user configurability
The device embeds the possibility to select the following parameters:
•
single axis or multiple axes in TAP_THS_Z (32h)
•
axis priority in TAP_THS_Y (31h)
•
threshold value of each axis in TAP_THS_X (30h), TAP_THS_Y (31h), TAP_THS_Z (32h)
•
max time threshold between 2 consecutive taps for double-tap recognition, min time threshold between 2
consecutive taps to detect a new tap event in INT_DUR (33h)
3.2.6
Offset management
The user can manage offset in the output or for wakeup detection using dedicated embedded hardware (see
Section 5.1 Block diagram of filters).
3.3
Sensing element
A proprietary process is used to create a surface micromachined accelerometer. The technology allows
processing suspended silicon structures which are attached to the substrate in a few points called anchors
and are free to move in the direction of the sensed acceleration. In order to be compatible with the traditional
packaging techniques, a cap is placed on top of the sensing element to avoid blocking the moving parts
during the molding phase of the plastic encapsulation. When an acceleration is applied to the sensor the proof
mass displaces from its nominal position, causing an imbalance in the capacitive half-bridge. This imbalance is
measured using charge integration in response to a voltage pulse applied to the capacitor.
At steady-state the nominal value of the capacitors are a few pF and when an acceleration is applied, the
maximum variation of the capacitive load is in the fF range.
3.4
IC interface
The complete measurement chain is composed of a low-noise capacitive amplifier which converts the capacitive
unbalancing of the MEMS sensor into an analog voltage using an analog-to-digital converter.
The acceleration data may be accessed through an I²C/SPI interface thus making the device particularly suitable
for direct interfacing with a microcontroller.
AIS2IH
Sensing element
DS12421 - Rev 4
page 16/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com