Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIS2IH Datasheet(PDF) 39 Page - STMicroelectronics

Part # AIS2IH
Description  MEMS digital output motion sensor: high-performance 3-axis accelerometer for automobile applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS2IH Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AIS2IH Datasheet HTML 35Page - STMicroelectronics AIS2IH Datasheet HTML 36Page - STMicroelectronics AIS2IH Datasheet HTML 37Page - STMicroelectronics AIS2IH Datasheet HTML 38Page - STMicroelectronics AIS2IH Datasheet HTML 39Page - STMicroelectronics AIS2IH Datasheet HTML 40Page - STMicroelectronics AIS2IH Datasheet HTML 41Page - STMicroelectronics AIS2IH Datasheet HTML 42Page - STMicroelectronics AIS2IH Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
8.9
CTRL6 (25h)
Control register 6 (r/w)
Table 39. Control register 6
BW_FILT1
BW_FILT0
FS1
FS0
FDS
LOW_NOISE
0
0
BW_FILT[1:0]
Bandwidth selection (see Table 40)
FS[1:0]
Full-scale selection (see Table 41)
FDS
Filtered data type selection. Default value: 0
(0: low-pass filter path selected;
1: high-pass filter path selected)
LOW_NOISE
Low-noise configuration.
(0: disabled; 1: enabled)
Table 40. Digital filtering cutoff selection
BW_FILT[1:0]
Bandwidth selection
00
ODR/2 (up to ODR = 800 Hz, 400 Hz when ODR = 1600 Hz)
01
ODR/4 (HP/LP)
10
ODR/10 (HP/LP)
11
ODR/20 (HP/LP)
Table 41. Full-scale selection
FS[1:0]
Full-scale selection
00
±2 g
01
±4 g
10
±8 g
11
±16 g
8.10
OUT_T (26h)
Temperature output register in 8-bit resolution (r)
Table 42. OUT_T register
TEMP7
TEMP6
TEMP5
TEMP4
TEMP3
TEMP2
TEMP1
TEMP0
Table 43. OUT_T register description
TEMP[7:0]
Temperature sensor output data.
The value is expressed as two’s complement sign. Sensitivity = 1°C/LSB
0 LSB represents T=25 °C ambient.
AIS2IH
CTRL6 (25h)
DS12421 - Rev 4
page 39/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com