Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6755ACPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADRF6755ACPZ-R7
Description  100 MHz to 2400 MHz I/Q Modulator with Integrated Fractional-N PLL and VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6755ACPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADRF6755ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6755ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6755ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6755ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6755ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6755ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6755ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6755ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6755ACPZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
ADRF6755
Data Sheet
Rev. B | Page 24 of 48
QUADRATURE MODULATOR
Overview
A basic block diagram of the ADRF6755 quadrature modulator
circuit is shown in Figure 60. The VCO/RFDIVIDER generates
a signal at the 2× LO frequency, which is then divided down to give
a signal at the LO frequency. This signal is then split into in-phase
and quadrature components to provide the LO signals that drive
the mixers.
Figure 60. Block Diagram of the Quadrature Modulator
The I and Q baseband input signals are converted to currents by
the V-to-I stages, which then drive the two mixers. The outputs
of these mixers combine to feed the single-ended output. This
single-ended output is then fed to the attenuator and, finally, to
the external RFOUT signal pin.
Baseband Inputs
The baseband inputs, QBB, QBB, IBB, and IBB, must be driven
from a differential source. The nominal drive level of 0.9 V p-p
differential (450 mV p-p on each pin) should be biased to a
common-mode level of 500 mV dc.
To set the dc bias level at the baseband inputs, refer to Figure 61.
The average output current on each of the AD9779 outputs is
10 mA. A current of 10 mA flowing through each of the 50 Ω
resistors to ground produces the desired dc bias of 500 mV at
each of the baseband inputs.
Figure 61. Establishing DC Bias Level on Baseband Inputs
The differential baseband inputs (QBB, QBB, IBB, and IBB)
consist of the bases of PNP transistors, which present a high
impedance of about 30 kΩ in parallel with approximately 2 pF
of capacitance. The impedance is approximately 30 kΩ below
1 MHz and starts to roll off at higher frequency. A 100 Ω
differential termination is recommended at the baseband inputs,
and this dominates the input impedance as seen by the input
baseband signal. This ensures that the input impedance, as seen by
the input circuit, remains flat across the baseband bandwidth.
See Figure 62 for a typical configuration.
Figure 62. Typical Baseband Input Configuration
The swing of the AD9779 output currents ranges from 0 mA to
20 mA. The ac voltage swing is 1 V p-p single-ended or 2 V p-p
differential with the 50 Ω resistors in place. The 100 Ω differen-
tial termination resistors at the baseband inputs have the effect
of limiting this swing without changing the dc bias condition of
500 mV. The low-pass filter is used to filter the DAC outputs
and remove images when driving a modulator.
Another consideration is that the baseband inputs actually source a
current of 240 μA out of each of the four inputs. This current must
be taken into account when setting up the dc bias of 500 mV. In
the initial example based on Figure 61, an error of 12 mV occurs
due to the 240 μA current flowing through the 50 Ω resistor.
Analog Devices recommends that the accuracy of the dc bias
should be 500 mV ± 25 mV. It is also important that this 240 μA
current have a dc path to ground.
Optimization
The carrier feedthrough and the sideband suppression
performance of the ADRF6755 can be improved over the
specifications in Table 1 by using the following optimization
techniques.
Carrier Feedthrough Nulling
Carrier feedthrough results from dc offsets that occur between
the P and N inputs of each of the differential baseband inputs.
Normally these inputs are set to a dc bias of approximately 500 mV.
However, if a dc offset is introduced between the P and N inputs of
either or both I and Q inputs, the carrier feedthrough is affected
in either a positive or a negative fashion. Note that the dc bias
level remains at 500 mV (average P and N level). The I channel
offset is often held constant while the Q channel offset is varied
until a minimum carrier feedthrough level is obtained. Then,
while retaining the new Q channel offset, the I channel offset is
adjusted until a new minimum is reached. This is usually per-
formed at a single frequency and, thus, is not optimized over
the complete frequency range. Multiple optimizations at different
VCO
RF DIVIDER
V-TO-I
V-TO-I
IBB
IBB
QBB
QBB
RFOUT TO
ATTENUATOR
QUAD
PHASE
SPLITTER
÷2
50Ω
50Ω
50Ω
50Ω
OUT1_P
OUT1_N
OUT2_N
OUT2_P
ADRF6755
CURRENT OUTPUT DAC
(EXAMPLE: AD9779)
IBB
IBB
QBB
QBB
50Ω
50Ω
50Ω
50Ω
OUT1_P
OUT1_N
OUT2_N
OUT2_P
ADRF6755
CURRENT OUTPUT DAC
(EXAMPLE: AD9779)
IBB
IBB
QBB
QBB
100Ω
LOW-
PASS
FILTER
100Ω
LOW-
PASS
FILTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com