Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6755ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF6755ACPZ-R7
Description  100 MHz to 2400 MHz I/Q Modulator with Integrated Fractional-N PLL and VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6755ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF6755ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF6755ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6755ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6755ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6755ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6755ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6755ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6755ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6755ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
ADRF6755
Data Sheet
Rev. B | Page 10 of 48
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
VCC1, VCC2, VCC3, and VCC4 Supply Voltage
−0.3 V to +6 V
VREG1, VREG2, VREG3, VREG4, VREG5, and
VREG6 Supply Voltage
−0.3 V to +4 V
IBB, IBB, QBB, and QBB
0 V to 2.5 V
Digital I/O
−0.3 V to +4 V
Analog I/O (Other Than IBB, IBB, QBB, and
QBB)
−0.3 V to +4 V
Maximum Junction Temperature
125°C
Storage Temperature Range
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com