Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6755ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADRF6755ACPZ-R7
Description  100 MHz to 2400 MHz I/Q Modulator with Integrated Fractional-N PLL and VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6755ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADRF6755ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6755ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6755ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6755ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6755ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6755ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6755ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6755ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6755ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
Data Sheet
ADRF6755
Rev. B | Page 17 of 48
Figure 29. Phase Noise Performance Distribution at Worst-Case Conditions
Figure 30. Integrated Phase Noise over an Integration Bandwidth of 1 kHz to
8 MHz vs. LO Frequency at Nominal Conditions
Figure 31. Integrated Phase Noise Distribution over an Integration
Bandwidth of 1 kHz to 8 MHz at 1875 MHz and 2310 MHz
Figure 32. Phase Noise Performance vs. LO Frequency, Nominal Conditions
with Narrow Loop Bandwidth
Figure 33. Integer Boundary Spur Performance vs. LO Frequency,
Supply, and Temperature
Figure 34. Spurs > 10 MHz from Carrier vs. LO Frequency,
Supply, and Temperature
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
100
1k
10k
100k
1M
10M
OFFSET FREQUENCY (Hz)
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
100 300 500 700 900 1100 1300 1500 1700 1900 2100 2300 2500
LO FREQUENCY (MHz)
0
10
20
30
40
50
60
70
80
90
0.10
0.15
0.20
0.25
0.30
0.35
0.40
RMS JITTER (Degrees)
1875MHz
2310MHz
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
100
1k
10k
100k
1M
10M
OFFSET FREQUENCY (Hz)
900MHz PHASE NOISE (dBc/Hz)
1800MHz PHASE NOISE (dBc/Hz)
2100MHz PHASE NOISE (dBc/Hz)
–90
–85
–80
–75
–70
–65
–60
–55
–50
100 300 500 700 900 1100 1300 1500 1700 1900 2100 2300 2500
LO FREQUENCY (MHz)
+25°C 5V MAX SPUR
+85°C 4.75V MAX SPUR
+85°C 5.25V MAX SPUR
–40°C 4.75V MAX SPUR
–40°C 5.25V MAX SPUR
–110
–100
–90
–80
–70
–60
–50
100 300 500 700 900 1100 1300 1500 1700 1900 2100 2300 2500
LO FREQUENCY (MHz)
REFERENCE SPURS AT 80MHz OFFSET
PFD SPURS AT 40MHz OFFSET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com