Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6755ACPZ-R7 Datasheet(PDF) 44 Page - Analog Devices

Part # ADRF6755ACPZ-R7
Description  100 MHz to 2400 MHz I/Q Modulator with Integrated Fractional-N PLL and VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6755ACPZ-R7 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADRF6755ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADRF6755ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADRF6755ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADRF6755ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADRF6755ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADRF6755ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADRF6755ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADRF6755ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADRF6755ACPZ-R7 Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
ADRF6755
Data Sheet
Rev. B | Page 44 of 48
BILL OF MATERIALS
Table 29. Bill of Materials
Qty
Reference Designator
Description
Manufacturer
Part Number
1
DUT
ADRF6755, 56-lead 8 mm × 8 mm LFCSP
Analog Devices
ADRF6755ACPZ
1
Y2
Crystal Oscillator, 80 MHz
Jauch
O 80.0-JO75-B-3.3-2-T1
1
CONN1
Connector, FX8-120S-SV(21)
Hirose
FEC 1324660
2
C1, C21
Capacitor, 10 µF, 25 V, tantalum, TAJ-C
AVX
FEC 197518
12
C4, C6, C8, C10, C12, C14, C16,
C18, C19, C48, C53, C55
Capacitor, 10 pF, 50 V, ceramic, C0G, 0402
Murata
FEC 8819564
14
C5, C7, C9, C11, C13, C15, C17,
C22, C47, C49 to C52, C54
Capacitor, 100 nF, 25 V, X7R, ceramic, 0603
AVX
FEC 317287
1
C20
Capacitor, 220 µF, 6.3 V, tantalum, Case Size C
AVX
FEC 197087
4
C30 to C33
Capacitor spacing, 0402 (do not install)
1
C26
Capacitor, 1.2 nF, 50 V, C0G, ceramic, 0603
Kemet
FEC 1813421
1
C24
Capacitor, 47 nF, 50 V, C0G, ceramic, 1206
Murata
FEC 8820201
2
C23, C25
Capacitor, 560 pF, 50 V, NP0, ceramic, 0603
Murata
FEC 1828912
2
C38, C39
Capacitor, 1 nF, 50 V, C0G, ceramic, 0402
Murata
FEC 8819556
3
C44, C46, C57
Capacitor, 100 pF, 50 V, C0G, ceramic, 0402
Murata
FEC 8819572
11
J2 to J5, J7, J10 to J12, J14, J15, TXDIS
SMA end launch connector
Johnson/Emerson
142-0701-851
2
J18, J21
Jumper, 3-pin + shunt
Harwin
FEC 148533 and
FEC 150411
2
L1, L2
Inductor, 20 nH, 0402, 5%
TE Connectivity
FEC 1265424
2
L3, L4
Inductor, 10 µH, 0805, LQM series
Vishay
FEC 1653752
5
R6 to R9, R36
Resistor, 0 Ω, 1/16 W, 1%, 0402
Multicomp
FEC 1357983
2
R10, R11
Resistor, 0402, spacing (do not install)
1
R13
Resistor, 4.7 kΩ, 1/10 W, 1%, 0603
Bourns
FEC 2008358
2
R12, R16
Resistor, 160 Ω, 1/16 W, 1%, 0603
Multicomp
FEC 9330658
1
R15
Resistor, 150 Ω, 1/16 W, 1%, 0603
Multicomp
FEC 9330593
2
R62
Resistor, 0603, spacing (do not install)
3
R35, R44, R45
Resistor, 51 Ω, 1/16 W, 5%, 0402
Bourns
FEC 2008358
4
R48 to R51
Resistor, 330 Ω, 1/10 W, 5%, 0805
Vishay
FEC 1739223
3
R59 to R61
Resistor, 100 Ω, 1/10 W, 5%, 0805
Vishay
FEC 1652907
2
R63, R64
Resistor, 100 kΩ, 1/16 W, 1%, 0603
Multicomp
FEC 9330402
1
D1
LED, red, 0805, 1.8 V, low current
Rohm
FEC 1685056
1
U1
IC 24LC32A-I/MS EEPROM MSOP-8
Microchip
FEC 133-4660



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com