Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6755ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADRF6755ACPZ-R7
Description  100 MHz to 2400 MHz I/Q Modulator with Integrated Fractional-N PLL and VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6755ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADRF6755ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6755ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6755ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6755ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6755ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6755ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6755ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6755ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6755ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
ADRF6755
Data Sheet
Rev. B | Page 14 of 48
Figure 11. 2× LO Carrier Feedthrough vs. LO Frequency, Attenuation,
Supply, and Temperature
Figure 12. Output P1dB Compression Point at Worst-Case LO Frequency
vs. Supply and Temperature
Figure 13. Output P1dB Compression Point vs. LO Frequency at
Nominal Conditions
Figure 14. Output P1dB Compression Point Distribution at Nominal
and Worst-Case Conditions
Figure 15. Output IP3 vs. LO Frequency at Nominal Conditions
Figure 16. Output IP3 Distribution at Nominal and Worst-Case
Conditions
–120
–110
–100
–90
–80
–70
–60
–50
–40
100 300 500 700 900 1100 1300 1500 1700 1900 2100 2300 2500
LO FREQUENCY (MHz)
ATTENUATION = 0dB
ATTENUATION = 12dB
ATTENUATION = 21dB
ATTENUATION = 33dB
ATTENUATION = 47dB
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
–25
–20
–15
–10
–5
0
5
10
0.1
1
10
DIFFERENTIAL INPUT VOLTAGE (V p-p)
1dB
COMPRESSION
POINT
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
100 300 500 700 900 1100 1300 1500 1700 1900 2100 2300 2500
LO FREQUENCY (MHz)
0
5
10
15
20
25
30
35
40
45
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
OUTPUT P1dB (dBm)
NOMINAL
WORST CASE
10
12
14
16
18
20
22
24
26
28
30
100 300 500 700 900 1100 1300 1500 1700 1900 2100 2300 2500
LO FREQUENCY (MHz)
0
5
10
15
20
25
30
35
40
45
50
15
16
17
18
19
20
21
22
OUTPUT IP3 (dBm)
NOMINAL
WORST CASE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com