Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXM17536 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAXM17536
Description  4.5V to 60V, 4A High-Efficiency, DC-DC Step-Down SiP Power Module with Integrated Inductor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXM17536 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAXM17536 Datasheet HTML 3Page - Maxim Integrated Products MAXM17536 Datasheet HTML 4Page - Maxim Integrated Products MAXM17536 Datasheet HTML 5Page - Maxim Integrated Products MAXM17536 Datasheet HTML 6Page - Maxim Integrated Products MAXM17536 Datasheet HTML 7Page - Maxim Integrated Products MAXM17536 Datasheet HTML 8Page - Maxim Integrated Products MAXM17536 Datasheet HTML 9Page - Maxim Integrated Products MAXM17536 Datasheet HTML 10Page - Maxim Integrated Products MAXM17536 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
(VIN = VEN/UVLO = 24V, VSGND = VPGND = 0V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.
All voltages are referenced to GND, unless otherwise noted. The circuit values for different output-voltage applications are as in Table 1,
unless otherwise noted.)
Typical Operating Characteristics (continued)
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
LOAD CURRENT (mA)
EFFICIENCY vs. LOAD CURRENT
(8V OUTPUT, PFM MODE, fSW = 750kHz)
VIN = 36V
VIN = 12V
toc19
VIN = 24V
VIN = 48V
VIN = 60V
toc22
2
µs/div
STEADY-STATE SWITCHING WAVEFORMS
(VIN = 24V, VOUT = 5V, IOUT = 4A, PWM MODE)
VOUT (AC)
20mV/div
10V/div
VLX
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
LOAD CURRENT (mA)
EFFICIENCY vs. LOAD CURRENT
(12V OUTPUT, PFM MODE, fSW = 900kHz)
VIN = 36V
toc20
VIN = 16V
VIN = 24V
VIN = 48V
VIN = 60V
toc23
100
µs/div
STEADY-STATE SWITCHING WAVEFORMS
(VIN = 24V, VOUT = 5V, IOUT = 25mA, PFM MODE)
VOUT (AC)
100mV/div
10V/div
VLX
20mV/div
10V/div
toc21
2
µs/div
VOUT (AC)
STEADY-STATE SWITCHING WAVEFORMS
(VIN = 24V, VOUT = 5V, IOUT = 0A, PWM MODE)
VLX
toc24
1
µs/div
STEADY-STATE SWITCHING WAVEFORMS
(VIN = 24V, VOUT = 5V, IOUT = 100mA, DCM MODE)
VOUT (AC)
10mV/div
10V/div
VLX
Maxim Integrated │ 7
www.maximintegrated.com
MAXM17536
4.5V to 60V, 4A High-Efficiency, DC-DC Step-Down
SiP Power Module with Integrated Inductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com