Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXM17536 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAXM17536
Description  4.5V to 60V, 4A High-Efficiency, DC-DC Step-Down SiP Power Module with Integrated Inductor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXM17536 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAXM17536 Datasheet HTML 14Page - Maxim Integrated Products MAXM17536 Datasheet HTML 15Page - Maxim Integrated Products MAXM17536 Datasheet HTML 16Page - Maxim Integrated Products MAXM17536 Datasheet HTML 17Page - Maxim Integrated Products MAXM17536 Datasheet HTML 18Page - Maxim Integrated Products MAXM17536 Datasheet HTML 19Page - Maxim Integrated Products MAXM17536 Datasheet HTML 20Page - Maxim Integrated Products MAXM17536 Datasheet HTML 21Page - Maxim Integrated Products MAXM17536 Datasheet HTML 22Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Output-Capacitor Selection
X7R ceramic output capacitors are preferred due to their
stability over temperature in industrial applications. The
output capacitors are usually sized to support a step load
of 50% of the maximum output current in the application,
so the output-voltage deviation is contained to 3% of the
output-voltage change. The minimum required output
capacitance can be calculated as follows:
COUT =
1
2 ×
ISTEP × tRESPONSE
∆ VOUT
tRESPONSE
≅ (0.33f
C
+
1
fSW
)
where:
ISTEP = Load-current step,
tRESPONSE = Response time of the controller,
VOUT = Allowable output-voltage deviation,
fC = Target closed-loop crossover frequency,
fSW = Switching frequency.Select fC to be 1/10th of fSW if
the swtiching frequency is less than or equal to 400kHz.
Select fC to be 40kHz if the switching frequency is more
than 400kHz.
Soft-Start Capacitor Selection
The MAXM17536 implements adjustable soft-start operation
to reduce inrush current. A capacitor connected from
the SS pin to SGND programs the soft-start time. The
selected output capacitance (CSEL) and the output voltage
(VOUT) determine the minimum required soft-start
capacitor as follows:
CSS ≥ 28 × 10−6 × CSEL × VOUT
The soft-start time (tSS) is related to the capacitor
connected at SS (CSS) by the following equation:
tSS =
CSS
5.55
where tSS is in milliseconds and CSS is in nanofarads.
For example, to program a 4ms soft-start time, a 22nF
capacitor should be connected from the SS pin to SGND.
Setting the Input Undervoltage-Lockout Level
The MAXM17536 offers an adjustable input undervoltage
lockout level. Set the voltage at which MAXM17536 turns
on. Calculate R3 as follows:
R3 = 3.32 × 1.215
(VINU−1.215)
where R3 is in MΩ and VINU is the voltage at which the
MAXM17536 is required to turn on. Ensure that VINU is
higher than 0.8 x VOUT.
Loop Compensation
The MAXM17536 is internally loop-compensated. Connect
a 2.2pF capacitor from CF to FB for stable operation.
Typically, designs with crossover frequency (fC) less than
fSW/10 and less than 40kHz offers good phase margin
and transient response. For other choices of fC, the
design should be carefully evaluated according to user
requirements.
Adjusting Output Voltage
Set the output voltage with a resistive voltage-divider
connected from the positive terminal of the output capacitor
(VOUT) to SGND (see Figure 2). Connect the center
node of the divider to the FB pin. To choose the resistive
voltage-divider values calculate for resistor R1, then R2.
First, calculate resistor R1 from the output to FB as follows:
where:
R1 is in kΩ
fC = Desired crossover frequency (kHz)
COUT = Derated value of the capacitor (µF)
Then, calculate resistor R2 from FB to SGND as follows:
R2 = R1 × 0.9
(VOUT−0.9)
www.maximintegrated.com
Maxim Integrated │ 18
MAXM17536
4.5V to 60V, 4A High-Efficiency, DC-DC Step-Down
SiP Power Module with Integrated Inductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com