Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXM17536 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAXM17536
Description  4.5V to 60V, 4A High-Efficiency, DC-DC Step-Down SiP Power Module with Integrated Inductor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXM17536 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAXM17536 Datasheet HTML 9Page - Maxim Integrated Products MAXM17536 Datasheet HTML 10Page - Maxim Integrated Products MAXM17536 Datasheet HTML 11Page - Maxim Integrated Products MAXM17536 Datasheet HTML 12Page - Maxim Integrated Products MAXM17536 Datasheet HTML 13Page - Maxim Integrated Products MAXM17536 Datasheet HTML 14Page - Maxim Integrated Products MAXM17536 Datasheet HTML 15Page - Maxim Integrated Products MAXM17536 Datasheet HTML 16Page - Maxim Integrated Products MAXM17536 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
PIN
NAME
FUNCTION
7
SS
Soft-Start Input. Connect a capacitor from SS to SGND to set the soft-start time.
8
EN/UVLO
Enable/Undervoltage-Lockout Input. Connect a resistor from EN/UVLO to SGND to set the UVLO
threshold. By default, the module is enabled with the EN/UVLO pin open.
9, 28
IN
Power-Supply Input. Decouple to PGND with a capacitor; place the capacitor close to the IN and
PGND pins.
10, 14-21,
27
PGND
Power Ground
11
EXTVCC
External Power Supply Input for the Internal LDO. Applying a voltage between 4.7V and 24V at the
EXTVCC pin bypasses the internal LDO and improves efficiency.
12
BST
Boost Flying Capacitor Node. Internally a 0.1μF is connected from BST to LX. Do not connect any
external components to the BST pin.
13
LX
Switching Node. Leave unconnected; do not connect any external components to the LX pin.
22-25
OUT
Regulator Output Pin. Connect a capacitor from OUT to PGND.
26
DL
Gate Drive for Low-Side MOSFET. Do not connect any external components to the DL pin.
29
MODE/
SYNC
MODE Pin Configures the Part to Operate in PWM, PFM, or DCM Modes of Operation. Leave MODE
unconnected for PFM operation (pulse skipping at light loads). Connect MODE to SGND for
constant frequency PWM operation at all loads. Connect MODE to VCC for DCM operation.
The device can be synchronized to an external clock using this pin. See the Mode Selection (MODE)
section for more details.
EP1, EP2,
EP3
Exposed Pad. Create a large copper plane below the module connecting EP1, EP2, and EP3 to
improve heat dissipation capability. PGND and SGND are shorted through this plane.
Pin Description (continued)
www.maximintegrated.com
Maxim Integrated │ 13
MAXM17536
4.5V to 60V, 4A High-Efficiency, DC-DC Step-Down
SiP Power Module with Integrated Inductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com